Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 37Page - STMicroelectronics STA1295 Datasheet HTML 38Page - STMicroelectronics STA1295 Datasheet HTML 39Page - STMicroelectronics STA1295 Datasheet HTML 40Page - STMicroelectronics STA1295 Datasheet HTML 41Page - STMicroelectronics STA1295 Datasheet HTML 42Page - STMicroelectronics STA1295 Datasheet HTML 43Page - STMicroelectronics STA1295 Datasheet HTML 44Page - STMicroelectronics STA1295 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 109 page
background image
DS12586 Rev 5
41/109
STA1295, STA1275
Package pinouts and signal description
106
Table 22. General purpose ADC
Name
GPIOs
BALLs
DIR
Power
domain
Description
ADC2_AIN4
—
L18
I
ADC2_AVDD ADC2 (SAR) CH4.
ADC2_AIN5
—
F18
I
ADC2_AVDD ADC2 (SAR) CH5.
ADC2_AIN6
—
F21
I
ADC2_AVDD ADC2 (SAR) CH6.
ADC2_AIN7
—
N23
I
ADC2_AVDD ADC2 (SAR) CH7.
ADC2_AIN8
—
P21
I
ADC2_AVDD ADC2 (SAR) CH8.
ADC2_AIN9
—
M19
I
ADC2_AVDD ADC2 (SAR) CH9.
TSC_XP_AIN0
—
D22
I
ADC2_AVDD
ADC2 (SAR) CH 0/Touch screen
panel signal XP.
TSC_XN_AIN1
—
D23
I
ADC2_AVDD
ADC2 (SAR) CH 1/Touch screen
panel signal XN.
TSC_YP_AIN2
—
E21
I
ADC2_AVDD
ADC2 (SAR) CH 2/Touch screen
panel signal YP.
TSC_YN_AIN3
—
D21
I
ADC2_AVDD
ADC2 (SAR) CH3/Touch screen
panel signal YN.
ADC3_AIN0
—
N19
I
ADC2_AVDD ADC3 (SAR) CH0
ADC3_AIN1
—
G19
I
ADC2_AVDD ADC3 (SAR) CH1
ADC3_AIN2
—
G21
I
ADC2_AVDD ADC3 (SAR) CH2
ADC3_AIN3
—
V19
I
ADC2_AVDD ADC3 (SAR) CH3
ADC3_AIN4
—
N21
I
ADC2_AVDD ADC3 (SAR) CH4
ADC3_AIN5
—
N22
I
ADC2_AVDD ADC3 (SAR) CH5
Table 23. USB signals
Name
GPIOs
BALLs DIR Power domain
Description
USB1_DRVVBUS
GPIO30
AB21
OVIO
It can be used to enable the VBUS when
USB1 is in host mode.
GPIO91
AC13
USB0_DRVVBUS
GPIO125
C1
OVIO
It can be used to enable the VBUS when
USB0 is in host mode.
M3_GPIO11
D8
USB_REXT
—
L19
P
VIO
Connect to GND with a 3 kOhm 1% resistor.
USB0_DN
—
M23
I/O
USB0_VDD3V3 USB0. Differential line D-.
USB0_DP
—
M22
I/O
USB0_VDD3V3 USB0. Differential line D+.
USB1_DN
—
L23
I/O
USB1_VDD3V3 USB1. Differential line D-.
USB1_DP
—
L22
I/O
USB1_VDD3V3 USB1. Differential line D+.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com