Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 80 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 76Page - STMicroelectronics STA1295 Datasheet HTML 77Page - STMicroelectronics STA1295 Datasheet HTML 78Page - STMicroelectronics STA1295 Datasheet HTML 79Page - STMicroelectronics STA1295 Datasheet HTML 80Page - STMicroelectronics STA1295 Datasheet HTML 81Page - STMicroelectronics STA1295 Datasheet HTML 82Page - STMicroelectronics STA1295 Datasheet HTML 83Page - STMicroelectronics STA1295 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 109 page
background image
Electrical characteristics
STA1295, STA1275
80/109
DS12586 Rev 5
4.6
Recommended DC operation conditions
The table below lists the functional recommended operating DC parameters for STA1275
and STA1295.
4.7
DC characteristics
IOs in Accordo5 fall into three categories:
•
Logical CMOS function operating at 3.3 V
•
Logical CMOS function operating at 1.8 V
•
DDR3L (specific functionality operating according to standards)
Table 36. Recommended DC operation conditions
Symbol
Parameter
Limit values
Unit
Min. Typ. Max.
VDD
SR Digital supply voltage
1.14
1.2
1.26
V
VDD_IO_ON
SR
I/O supply voltage (I/Os in always ON
domain)
3.0
3.3
3.6
V
VDD_IO_3V3
SR
I/O supply voltage (I/Os is switchable
domain)
3.0
3.3
3.6
V
VDD_IO_1V8
SR
I/O supply voltage (I/Os is switchable
domain)
1.65
1.8
1.95
V
VARM_VDD
SR Digital supply voltage for Cortex® A7 CPU
1.14
1.2
1.26
V
VADC2_3_AVDD
SR Analog supply voltage for SAR ADC
3.0
3.3
3.6
V
VDAC_AVDD
SR Analog supply voltage for DAC
3.0
3.3
3.6
V
VDAC_IO_AVDD
SR
IO supply voltage for in DAC/SDADC IO
ring section
3.0
3.3
3.6
V
VADC0_1_AVDD
SR Voltage power supply for ADC0 and ADC1
3.0
3.3
3.6
V
VUSB_VREG_3V3_1V1
SR
Voltage supply for 3V3TO1V1 USB
regulator
3.0
3.3
3.6
V
VDD_USB_VREG3V3_1V8 SR
Voltage supply for 3V3TO1V8 USB
regulator(1)
1. VDD_USB0_VDD3V3, VDD_USB1_VDD3V3 and VDD_USB_VREG3V3_1V8 are internally shorted.
3.0
3.3
3.6
V
VDD_USB0_VDD3V3
SR
3.3V dedicated power supply to USB0
PHY(1)
3.0
3.3
3.6
V
VDD_USB1_VDD3V3
SR
3.3V dedicated power supply to USB0
PHY(1)
3.0
3.3
3.6
V
VDD_PLL_VREG3V3
SR Voltage power supply for SOC PLL
3.0
3.3
3.6
V
VDDQ
SR I/O supply voltage for DDR3L IOs
1.28 1.35 1.42
V
VDDR_VREF
SR Voltage reference for DDR3L IOs
VDDQ/2
V
VDDR_PLL_3V3
SR 3.3V supply voltage for DDR3L PLL
3.0
3.3
3.6
V
VDDR_PLL_DVDD
SR Digital supply voltage for DDR3L PLL
1.14
1.2
1.26
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com