Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 73 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 69Page - STMicroelectronics STA1295 Datasheet HTML 70Page - STMicroelectronics STA1295 Datasheet HTML 71Page - STMicroelectronics STA1295 Datasheet HTML 72Page - STMicroelectronics STA1295 Datasheet HTML 73Page - STMicroelectronics STA1295 Datasheet HTML 74Page - STMicroelectronics STA1295 Datasheet HTML 75Page - STMicroelectronics STA1295 Datasheet HTML 76Page - STMicroelectronics STA1295 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 109 page
background image
DS12586 Rev 5
73/109
STA1295, STA1275
Electrical characteristics
106
4
Electrical characteristics
4.1
Parameter conditions
Unless otherwise specified, all voltages are referred to GND.
4.2
Minimum and maximum values
Unless otherwise specified the minimum and maximum values are guaranteed in the worst
conditions of ambient temperature, supply voltage and frequencies by tests in production on
100% of the devices with an ambient temperature at TA = 25°C and TA = 85°C.
The 'Limit Values' data is explained and identified with a letter as listed below, and reported
in the ‘Note’ field of the following tables where applicable:
•
<SR>: System requirements, which means conditions that must be provided to ensure
normal device operation.
•
<P>: Data tested in production.
•
<C>: Data based on engineering characterization, not tested in production. Based on
characterization, the minimum and maximum values refer to sample tests and
represent the mean value plus or minus three times the standard deviation (± 3).
•
<V>: Data based on design validation performed on three sample devices, not tested in
production.
•
<S>: Data based on design guidelines and simulation, not tested in production.Typical
curves.
4.3
Absolute maximum ratings
This product contains devices to protect the inputs against damage due to high static
voltages, however it is advisable to take normal precautions to avoid application of any
voltage higher than the specified maximum rated voltages.
Table 30. Absolute maximum ratings
Symbol
Parameter
Limit values
Unit
Min.
Max.
VDD
SR
Power supply pins for the internal
logic of switchable domain
- 0.3
+ 1.50
V
VDD_IO_ON
SR
Power supply pins for the IO
buffers of the always ON section
- 0.3
+ 3.90
V
VDD_IO_3V3
SR
Power supply pins for the 3.3 V IO
buffers in switchable domain
- 0.3
+ 3.90
V
VDD_IO_1V8
SR
Power supply pins for the 1.8 V IO
buffers in switchable domain
- 0.3
+ 3.90
V
ARM_VDD
SR
Power supply pins for the Cortex®
A7 CPU
- 0.3
+ 1.50
V
ADC2_3_AVDD
SR Analog power supply for SAR ADC
- 0.3
+ 3.90
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com