Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 21Page - STMicroelectronics STA1295 Datasheet HTML 22Page - STMicroelectronics STA1295 Datasheet HTML 23Page - STMicroelectronics STA1295 Datasheet HTML 24Page - STMicroelectronics STA1295 Datasheet HTML 25Page - STMicroelectronics STA1295 Datasheet HTML 26Page - STMicroelectronics STA1295 Datasheet HTML 27Page - STMicroelectronics STA1295 Datasheet HTML 28Page - STMicroelectronics STA1295 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 109 page
background image
DS12586 Rev 5
25/109
STA1295, STA1275
System description
106
2.18
Generic interfaces
2.18.1
4x UARTS
•
Programmable baud rates up to 3 Mbps
•
Hardware flow control
•
DMA capable
2.18.2
3x I2C
•
Master/slave modes in multi-master environment
•
Multiple baud rates supported: 100/400/1000/3400 Kbits/s
•
DMA capable
2.18.3
3x SSP/SPI ports supporting
•
Serial Peripheral Interface bus standards
•
Synchronous Serial Protocol bus standards
•
Microwire interface bus standards
•
Unidirectional interface
•
DMA capable
2.19
Input capture / Output compare
Five EFT (Enhanced Function timers) implement a very flexible input capture and output
compare feature set. Each EFT block can provide two input capture and two output
compare lines (1 PWM). EFT are based on 16-bit counters with dedicated pre-scaler.
M3_GPIO11
UART0_CTS
USB0_DRVVBUS
—
—
M3_GPIO12
I2C0_SDA
—
—
—
M3_GPIO13
I2C0_SCL
—
—
—
M3_GPIO14
UART0_TX
—
—
REMAP0
M3_GPIO15
UART0_RTS
CLKOUT0
—
REMAP1
Table 12. Cortex® M3 GPIO alternate function mapping (continued)
GPIO
ALT A
ALT B
ALT C
BOOTSTRAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com