Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 50Page - STMicroelectronics ST10F280_12 Datasheet HTML 51Page - STMicroelectronics ST10F280_12 Datasheet HTML 52Page - STMicroelectronics ST10F280_12 Datasheet HTML 53Page - STMicroelectronics ST10F280_12 Datasheet HTML 54Page - STMicroelectronics ST10F280_12 Datasheet HTML 55Page - STMicroelectronics ST10F280_12 Datasheet HTML 56Page - STMicroelectronics ST10F280_12 Datasheet HTML 57Page - STMicroelectronics ST10F280_12 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 239 page
background image
Central Processing Unit (CPU)
ST10F280
54/239
Doc ID 8673 Rev. 3
6.1
Multiplier-accumulator Unit (MAC)
The MAC co-processor is a specialized co-processor added to the ST10 CPU Core in order
to improve the performances of the ST10 Family in signal processing algorithms.
Signal processing needs at least three specialized units operating in parallel to achieve
maximum performance:
●
A Multiply-Accumulate Unit,
●
An Address Generation Unit, able to feed the MAC Unit with 2 operands per cycle,
●
A Repeat Unit, to execute series of multiply-accumulate instructions.
The existing ST10 CPU has been modified to include new addressing capabilities which
enable the CPU to supply the new co-processor with up to 2 operands per instruction cycle.
This new co-processor (so-called MAC) contains a fast multiply-accumulate unit and a
repeat unit.
The co-processor instructions extend the ST10 CPU instruction set with multiply, multiply-
accumulate, 32-bit signed arithmetic operations.
A new transfer instruction CoMOV has also been added to take benefit of the new
addressing capabilities.
6.1.1
Features
Enhanced addressing capabilities
●
New addressing modes including a double indirect addressing mode with pointer post-
modification.
●
Parallel Data Move: this mechanism allows one operand move during Multiply-
Accumulate instructions without penalty.
●
New transfer instructions CoSTORE (for fast access to the MAC SFRs) and CoMOV
(for fast memory to memory table transfer).
Multiply-accumulate unit
●
One-cycle execution for all MAC operations.
●
16 x 16 signed/unsigned parallel multiplier.
●
40-bit signed arithmetic unit with automatic saturation mode.
●
40-bit accumulator.
●
8-bit left/right shifter.
●
Full instruction set with multiply and multiply-accumulate, 32-bit signed arithmetic and
compare instructions.
Program control
●
Repeat Unit: allows some MAC co-processor instructions to be repeated up to 8192
times. Repeated instructions may be interrupted.
●
MAC interrupt (Class B Trap) on MAC condition flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com