Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 88Page - STMicroelectronics ST10F280_12 Datasheet HTML 89Page - STMicroelectronics ST10F280_12 Datasheet HTML 90Page - STMicroelectronics ST10F280_12 Datasheet HTML 91Page - STMicroelectronics ST10F280_12 Datasheet HTML 92Page - STMicroelectronics ST10F280_12 Datasheet HTML 93Page - STMicroelectronics ST10F280_12 Datasheet HTML 94Page - STMicroelectronics ST10F280_12 Datasheet HTML 95Page - STMicroelectronics ST10F280_12 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 239 page
background image
PWM module
ST10F280
92/239
Doc ID 8673 Rev. 3
11.2.6
XPOLAR Register (polarity of the XPWM channel)
XPOLAR
Address:
0xEC04h
Reset:
0x0000h
Type:
R/W
Software control of the XPWM outputs
In an application the XPWM output signals are generally controlled by the XPWM module.
However, it may be necessary to influence the level of the XPWM output pins via software
either to initialize the system or to react on some extraordinary condition, e.g. a system fault
or an emergency.
Clearing the timer run bit PTRx stops the associated counter and leaves the respective
output at its current level.
The individual XPWM channel outputs are controlled by comparators according to the
formula:
●
PWM output signal = [PTx]
≥ [PWx shadow latch].
So whenever software changes registers XPTx, the respective output will reflect the
condition after the change. Loading timer XPTx with a value greater than or equal to the
value in XPWx immediately sets the respective output, a XPTx value below the XPWx value
clears the respective output.
Note:
To prevent further PWM pulses from occurring after such a software intervention the
respective counter must be stopped first.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
-
-
-
-
-
-
-
-
-
-
-
XPOLAR.3 XPOLAR.2 XPOLAR.1 XPOLAR.0
R/W
R/W
R/W
R/W
XPOLAR.x XPOLAR Channel x polarity Bit
0: Polarity of Channel x is normal
1: Polarity of Channel x is inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com