Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 84 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 80Page - STMicroelectronics ST10F280_12 Datasheet HTML 81Page - STMicroelectronics ST10F280_12 Datasheet HTML 82Page - STMicroelectronics ST10F280_12 Datasheet HTML 83Page - STMicroelectronics ST10F280_12 Datasheet HTML 84Page - STMicroelectronics ST10F280_12 Datasheet HTML 85Page - STMicroelectronics ST10F280_12 Datasheet HTML 86Page - STMicroelectronics ST10F280_12 Datasheet HTML 87Page - STMicroelectronics ST10F280_12 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 239 page
background image
PWM module
ST10F280
84/239
Doc ID 8673 Rev. 3
Figure 20.
Operation and output waveform in mode 0
Mode 1: symmetrical PWM generation (center aligned PWM)
Mode 1 is selected by setting the respective bit XPMx in register XPWMCON1 to ‘1’. In this
mode the timer XPTx of the respective XPWM channel is counting up until it reaches the
value in the associated period shadow register.
Upon the next count pulse the count direction is reversed and the timer starts counting down
now with subsequent count pulses until it reaches the value 0000H. Upon the next count
pulse the count direction is reversed again and the count cycle is repeated with the following
count pulses.
The XPWM output signal is switched to a high level when the timer contents are equal to or
greater than the contents of the pulse width shadow register while the timer is counting up.
The signal is switched back to a low level when the respective timer has counted down to a
value below the contents of the pulse width shadow register. So in mode 1 this PWM value
controls both edges of the output signal.
Note that in mode 1 the period of the PWM signal is twice the period of the timer:
PWM_PeriodMode1 = 2 * ([XPPx] + 1)
The figure below illustrates the operation and output waveforms of a XPWM channel in
mode 1 for different values in the pulse width register.
This mode is referred to as Center Aligned PWM, because the value in the pulse width
(shadow) register effects both edges of the output signal symmetrically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com