Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 24Page - STMicroelectronics ST10F280_12 Datasheet HTML 25Page - STMicroelectronics ST10F280_12 Datasheet HTML 26Page - STMicroelectronics ST10F280_12 Datasheet HTML 27Page - STMicroelectronics ST10F280_12 Datasheet HTML 28Page - STMicroelectronics ST10F280_12 Datasheet HTML 29Page - STMicroelectronics ST10F280_12 Datasheet HTML 30Page - STMicroelectronics ST10F280_12 Datasheet HTML 31Page - STMicroelectronics ST10F280_12 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 239 page
background image
Memory organization
ST10F280
28/239
Doc ID 8673 Rev. 3
bit data bus (byte accesses are possible). Two waitstates give an access time of 100 ns at
40MHz CPU clock. No tristate waitstate is used.
XPORT9, XTIMER, XPORT10, XADCMUX: Address range 00’C000h 00’C3FFh is reserved
for the XPORT9, XPORT10, XTIMER and XADCMUX peripherals access. The XPORT9,
XTIMER, XPORT10, XADCMUX are enabled by setting XPEN bit 2 of the SYSCON register
and the bit 3 of the new XPERCON register. Accesses to the XPORT9, XTIMER, XPORT10
and XADCMUX modules use a 16-bit demultiplexed bus mode without waitstate or
read/write delay (50ns access at 40MHz CPU clock). Byte and word access is allowed.
4.1
Visibility of XBUS peripherals
The XBUS peripherals can be separately selected for being visible to the user by means of
corresponding selection bits in the XPERCON register. If not selected (not activated with
XPERCON bit) before the global enabling with XPEN-bit in SYSCON register, the
corresponding address space, port pins and interrupts are not occupied by the peripheral,
thus the peripheral is not visible and not available. SYSCON register is described in
Section 19.2: System configuration registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com