Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 26Page - STMicroelectronics ST10F280_12 Datasheet HTML 27Page - STMicroelectronics ST10F280_12 Datasheet HTML 28Page - STMicroelectronics ST10F280_12 Datasheet HTML 29Page - STMicroelectronics ST10F280_12 Datasheet HTML 30Page - STMicroelectronics ST10F280_12 Datasheet HTML 31Page - STMicroelectronics ST10F280_12 Datasheet HTML 32Page - STMicroelectronics ST10F280_12 Datasheet HTML 33Page - STMicroelectronics ST10F280_12 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 239 page
background image
Memory organization
ST10F280
30/239
Doc ID 8673 Rev. 3
XPERCON
Address:
0xF024h / 12h ESFR
Reset:
0x--05h
Type:
R/W
Note:
When both CAN and XPWM are disabled via XPERCON setting, then any access in the
address range 00’EC00h 00’EFFFh will be directed to external memory interface, using the
BUSCONx register corresponding to address matching ADDRSELx register. P4.4 and P4.7
can be used as General Purpose I/O when CAN2 is not enabled, and P4.5 and P4.6 can be
used as General Purpose I/O when CAN1 is not enabled.
The default XPER selection after Reset is: XCAN1 is enabled, XCAN2 is disabled, XRAM is
enabled, XPORT9, XTIMER, XPORT10, XPWM, XADCMUX are disabled.
Register XPERCON cannot be changed after the global enabling of XPeripherals, i.e. after
setting of bit XPEN in SYSCON register.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
-
-
-
-
-
-
-
-
-
-
XPWMEN
XPERCONEN3
XRAMEN
CAN2EN
CAN1EN
R/W
R/W
R/W
R/W
R/W
CAN1EN CAN1 Enable Bit
0: Accesses to the on-chip CAN1 XPeripheral and its functions are disabled. P4.5
and P4.6 pins can be used as general purpose I/Os. Address range 00’EF00h-
00’EFFFh is only directed to external memory if CAN2EN and XPWM bits are
cleared also.
1: The on-chip CAN1 XPeripheral is enabled and can be accessed.
CAN2EN CAN2 Enable Bit
0: Accesses to the on-chip CAN2 XPeripheral and its functions are disabled. P4.4
and P4.7 pins can be used as general purpose I/Os. Address range 00’EE00h-
00’EEFFh is only directed to external memory if CAN1EN and XPWM bits are
cleared also.
1: The on-chip CAN2 XPeripheral is enabled and can be accessed.
XRAMEN XRAM Enable Bit
0: Accesses to the on-chip 16K Byte XRAM are disabled, external access
performed.
1: The on-chip 16K Byte XRAM is enabled and can be accessed.
XPERCONEN3 XPORT9, XTIMER, XPORT10, XADCMUX Enable Bit
0: Accesses to the XPORT9, XTIMER, XPORT10, XADCMUX peripherals are
disabled, external access performed.
1: The on-chip XPORT9, XTIMER, XPORT10, XADCMUX peripherals are enabled
and can be accessed.
XPWMEN XPWM Enable Bit
0: Accesses to the on-chip XPWM are disabled, external access performed.
Address range 00’EC00h-00’ECFFh is only directed to external memory if CAN1EN
and CAN2EN are ‘0’ also
1: The on-chip XPWM is enabled and can be accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com