Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 48 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 44Page - STMicroelectronics ST10F280_12 Datasheet HTML 45Page - STMicroelectronics ST10F280_12 Datasheet HTML 46Page - STMicroelectronics ST10F280_12 Datasheet HTML 47Page - STMicroelectronics ST10F280_12 Datasheet HTML 48Page - STMicroelectronics ST10F280_12 Datasheet HTML 49Page - STMicroelectronics ST10F280_12 Datasheet HTML 50Page - STMicroelectronics ST10F280_12 Datasheet HTML 51Page - STMicroelectronics ST10F280_12 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 239 page
background image
Internal Flash memory
ST10F280
48/239
Doc ID 8673 Rev. 3
When the ST10F280 has entered BSL mode, the following configuration is automatically set
(values that deviate from the normal reset values, are marked):
In this case, the watchdog timer is disabled, so the bootstrap loading sequence is not time
limited.
Pin TXD0 is configured as output, so the ST10F280 can return the identification Byte.
Even if the internal Flash is enabled, no code can be executed out of it.
The hardware that activates the BSL during reset may be a simple pull-down resistor on
P0L.4 for systems that use this feature upon every hardware reset.
A switchable solution (via jumper or an external signal) can be used for systems that
only temporarily use the bootstrap loader (see Figure 6).
After sending the identification Byte the ASC0 receiver is enabled and is ready to
receive the initial 32 Bytes from the host. A half duplex connection is therefore sufficient to
feed the BSL.
5.6.2
Memory configuration after reset
The configuration (and the accessibility) of the ST10F280’s memory areas after reset in
Bootstrap-Loader mode differs from the standard case. Pin EA is not evaluated when BSL
mode is selected, and accesses to the internal Flash area are partly redirected, while the
ST10F280 is in BSL mode (see Figure 7). All code fetches are made from the special Boot-
ROM, while data accesses read from the internal user Flash. Data accesses will return
undefined values on ROMless devices.
The code in the Boot-ROM is not an invariant feature of the ST10F280. User software
should not try to execute code from the internal Flash area while the BSL mode is still active,
as these fetches will be redirected to the Boot-ROM. The Boot-ROM will also “move” to
segment 1, when the internal Flash area is mapped to segment 1 (see Figure 7).
Watchdog Timer:
Disabled
Register SYSCON:
0E00h
Context Pointer CP:
FA00h
Register STKUN:
FA40h
Stack Pointer SP:
FA40h
Register STKOV:
FA0Ch 0<->C
Register S0CON:
8011h
Register BUSCON0:
acc. to startup
configuration
Register S0BG:
Acc. to ‘00’ Byte
P3.10 / TXD0:
‘1’
DP3.10:
‘1’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com