Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 89 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 85Page - STMicroelectronics ST10F280_12 Datasheet HTML 86Page - STMicroelectronics ST10F280_12 Datasheet HTML 87Page - STMicroelectronics ST10F280_12 Datasheet HTML 88Page - STMicroelectronics ST10F280_12 Datasheet HTML 89Page - STMicroelectronics ST10F280_12 Datasheet HTML 90Page - STMicroelectronics ST10F280_12 Datasheet HTML 91Page - STMicroelectronics ST10F280_12 Datasheet HTML 92Page - STMicroelectronics ST10F280_12 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 239 page
background image
ST10F280
PWM module
Doc ID 8673 Rev. 3
89/239
11.2.3
XPWM Control Registers
XPWMCON0
Address:
0xEC00h
Reset:
0x0000h
Type:
R/W
Register XPWMCON0 controls the function of the timers of the four XPWM channels and
the channel specific interrupts. Having the control bits organized in functional groups allows
e.g. to start or stop all 4 XPWM timers simultaneously with one bitfield instruction. Note:
This register is not bit-addressable.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PIR3
PIR2
PIR1
PIR0
PIE3
PIE2
PIE1
PIE0
PTI3
PTI2
PTI1
PTI0
PTR3
PTR2
PTR1
PTR0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PTRx XPWM Timer x Run Control Bit
0: Timer XPTx is disconnected from its input clock
1: Timer XPTx is running
PTIx XPWM Timer x Input Clock Selection
0: Timer XPTx clocked with CLKCPU
1: TimerX PTx clocked with CLKCPU / 64
PIEx XPWM Channel x Interrupt Enable Flag
0: Interrupt from channel x disabled
1: Interrupt from channel x enabled
PIRx XPWM Channel x Interrupt Request Flag
0: No interrupt request from channel x
1: Channel x interrupt pending (must be reset via software)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com