Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 33Page - STMicroelectronics ST10F280_12 Datasheet HTML 34Page - STMicroelectronics ST10F280_12 Datasheet HTML 35Page - STMicroelectronics ST10F280_12 Datasheet HTML 36Page - STMicroelectronics ST10F280_12 Datasheet HTML 37Page - STMicroelectronics ST10F280_12 Datasheet HTML 38Page - STMicroelectronics ST10F280_12 Datasheet HTML 39Page - STMicroelectronics ST10F280_12 Datasheet HTML 40Page - STMicroelectronics ST10F280_12 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 239 page
background image
ST10F280
Internal Flash memory
Doc ID 8673 Rev. 3
37/239
data xx54h at address 2AA8h). Any successive read cycle following a Read/Reset
instruction will read the memory array. A Wait cycle of 10µs is necessary after a Read/Reset
command if the memory was in program or Erase mode.
Program Word (PW). This instruction uses four write cycles. After the two Cl enable coded
cycles, the Program Word command xxA0h is written at address 1554h. The following write
cycle will latch the address and data of the word to be programmed. Memory programming
can be done only by writing 0's instead of 1's, otherwise an error occurs. During
programming, the Flash Status is checked by reading the Flash Status bit FSB.2, FSB.5,
FSB.6 and FSB.7 which show the status of the EPC. FSB.2, FSB.6 and FSB.7 determine if
programming is on going or has completed, and FSB.5 allows a check to be made for any
possible error.
Block Erase (BE). This instruction uses a minimum of six command cycles. The erase
enable command xx80h is written at address 1554h after the two-cycle CI enable sequence.
The erase confirm code xx30h must be written at an address related to the block to be
erased preceded by the execution of a second CI enable sequence. Additional erase
confirm codes must be given to erase more than one block in parallel. Additional erase
confirm commands must be written within a defined time-out period. The input of a new
Block Erase command will restart the time-out period.
When this time-out period has elapsed, the erase starts. The status of the internal timer can
be monitored through the level of FSB.3, if FSB.3 is ‘0’, the Block Erase command has been
given and the timeout is running; if FSB.3 is ‘1’, the timeout has expired and the EPC is
erasing the block(s).
If the second command given is not an erase confirm or if the coded cycles are wrong, the
instruction aborts, and the device is reset to Read Mode. It is not necessary to program the
block with 0000h as the EPC will do this automatically before the erasing to FFFFh. Read
operations after the EPC has started, output the Flash Status Register. During the execution
of the erase by the EPC, the device accepts only the Erase Suspend and Read/Reset
instructions. Data Polling bit FSB.7 returns ‘0’ while the erasure is in progress, and ‘1’ when
it has completed. The Toggle bit FSB.2 and FSB.6 toggle during the erase operation. They
stop when erase is completed. After completion, the Error bit FSB.5 returns ‘1’ if there has
been an erase failure because erasure has not completed even after the maximum number
of erase cycles have been executed by the EPC, in this case, it will be necessary to input a
Read/Reset to the Command Interface in order to reset the EPC.
Chip Erase (CE). This instruction uses six write cycles. The Erase Enable command xx80h,
must be written at address 1554h after CI-Enable cycles. The Chip Erase command xx10h
must be given on the sixth cycle after a second CI-Enable sequence. An error in command
sequence will reset the CI to Read mode. It is NOT necessary to program the block with
0000h as the EPC will do this automatically before the erasing to FFFFh. Read operations
after the EPC has started output the Flash Status Register. During the execution of the
erase by the EPC, Data Polling bit FSB.7 returns ‘0’ while the erasure is in progress, and ‘1’
when it has completed. The FSB.2 and FSB.6 bit toggle during the erase operation. They
stop when erase is finished. The FSB.5 error bit returns "1" in case of failure of the erase
operation. The error flag is set after the maximum number of erase cycles have been
executed by the EPC. In this case, it will be necessary to input a Read/Reset to the
Command Interface in order to reset the EPC.
Erase Suspend (ES). This instruction can be used to suspend a Block Erase operation by
giving the command xxB0h without any specific address. No CI-Enable cycles is required.
Erase Suspend operation allows reading of data from another block and/or the programming
in another block while erase is in progress. If this command is given during the time-out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com