Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 58Page - STMicroelectronics ST10F280_12 Datasheet HTML 59Page - STMicroelectronics ST10F280_12 Datasheet HTML 60Page - STMicroelectronics ST10F280_12 Datasheet HTML 61Page - STMicroelectronics ST10F280_12 Datasheet HTML 62Page - STMicroelectronics ST10F280_12 Datasheet HTML 63Page - STMicroelectronics ST10F280_12 Datasheet HTML 64Page - STMicroelectronics ST10F280_12 Datasheet HTML 65Page - STMicroelectronics ST10F280_12 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 239 page
background image
External bus controller
ST10F280
62/239
Doc ID 8673 Rev. 3
7
External bus controller
All of the external memory accesses are performed by the on-chip external bus controller.
The EBC can be programmed to single chip mode when no external memory is required, or
to one of four different external memory access modes:
●
16-/18-/20-/24-bit addresses 16-bit data, demultiplexed
●
16-/18-/20-/24-bit addresses 16-bit data, multiplexed
●
16-/18-/20-/24-bit addresses 8-bit data, multiplexed
●
16-/18-/20-/24-bit addresses 8-bit data, demultiplexed
In demultiplexed bus modes addresses are output on PORT1 and data is input/output on
PORT0 or P0L, respectively. In the multiplexed bus modes both addresses and data use
PORT0 for input/output.
Timing characteristics of the external bus interface (memory cycle time, memory tri-state
time, length of ale and read write delay) are programmable giving the choice of a wide range
of memories and external peripherals.
Up to 4 independent address windows may be defined (using register pairs ADDRSELx /
BUSCONx) to access different resources and bus characteristics.
These address windows are arranged hierarchically where BUSCON4 overrides BUSCON3
and BUSCON2 overrides BUSCON1. All accesses to locations not covered by these 4
address windows are controlled by BUSCON0.
Up to 5 external CS signals (4 windows plus default) can be generated in order to save
external glue logic. Access to very slow memories is supported by a ‘Ready’ function.
A HOLD/HLDA protocol is available for bus arbitration which shares external resources with
other bus masters. The bus arbitration is enabled by setting bit HLDEN in register PSW.
After setting HLDEN once, pins P6.7...P6.5 (BREQ, HLDA, HOLD) are automatically
controlled by the EBC. In master mode (default after reset) the HLDA pin is an output.
By setting bit DP6.7 to’1’ the slave mode is selected where pin HLDA is switched to input.
This directly connects the slave controller to another master controller without glue logic.
For applications which require less external memory space, the address space can be
restricted to 1 MByte, 256 KByte or to 64 KByte. Port 4 outputs all 8 address lines if an
address space of 16 MBytes is used, otherwise four, two or no address lines.
Chip select timing can be made programmable. By default (after reset), the CSx lines
change half a CPU clock cycle after the rising edge of ALE. With the CSCFG bit set in the
SYSCON register the CSx lines change with the rising edge of ALE.
The active level of the READY pin can be set by bit RDYPOL in the BUSCONx registers.
When the READY function is enabled for a specific address window, each bus cycle within
the window must be terminated with the active level defined by bit RDYPOL in the
associated BUSCON register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com