Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 36Page - STMicroelectronics ST10F280_12 Datasheet HTML 37Page - STMicroelectronics ST10F280_12 Datasheet HTML 38Page - STMicroelectronics ST10F280_12 Datasheet HTML 39Page - STMicroelectronics ST10F280_12 Datasheet HTML 40Page - STMicroelectronics ST10F280_12 Datasheet HTML 41Page - STMicroelectronics ST10F280_12 Datasheet HTML 42Page - STMicroelectronics ST10F280_12 Datasheet HTML 43Page - STMicroelectronics ST10F280_12 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 239 page
background image
Internal Flash memory
ST10F280
40/239
Doc ID 8673 Rev. 3
●
Generally, command sequences cannot be written to Flash by instructions fetched from
the Flash itself. Thus, the Flash commands must be written by instructions, executed
from internal RAM or external memory.
●
Command cycles on the CPU interface need not to be consecutively received (pauses
allowed). The CPU interface delivers dummy read data for not used cycles within
command sequences.
●
All addresses of command cycles shall be defined only with Register-indirect
addressing mode in the according move instructions. Direct addressing is not allowed
for command sequences. Address segment or data page pointer are taken into account
for the command address value.
Erase Resume
ER
1
Addr.(1)
X(2)
Read Data Polling or Toggle bit until Erase completes or
Erase is suspended another time.
Data
xx30h
Set Block/Code
Protection
SP
4
Addr.(1)
x2A54h
x15A8h
x2A54h
Any odd
word
address(7)
Data
xxA8h
xx54h
xxC0h
WPR(8)
Read Protection
Status
RP
4
Addr.(1)
x2A54h
x15A8h
x2A54h
Any odd
word
address(7)
Read Protection Register
until a new write cycle is
initiated.
Data
xxA8h
xx54h
xx90h
Read
PR
Block
Temporary
Unprotection
BTU
4
Addr.(1)
x2A54h
x15A8h
x2A54h
X(2)
Data
xxA8h
xx54h
xxC1h
xxF0h
Code
Temporary
Unprotection
CTU
1
Addr.(1)
MEM(9)
Write cycles must be executed from Flash.
Data
FFFFh
Code
Temporary
Protection
CTP
1
Addr.(1)
MEM(9)
Write cycles must be executed from Flash.
Data
FFFBh
1.
Address bit A14, A15 and above are don’t care for coded address inputs.
2.
X = do not care.
3.
WA = Write Address: address of memory location to be programmed.
4.
WD = Write Data: 16-bit data to be programmed.
5.
Optional, additional blocks addresses must be entered within a time-out delay (96 µs) after last write entry, timeout status
can be verified through FSB.3 value. When full command is entered, read Data Polling or Toggle bit until Erase is
completed or suspended
6.
Read Data Polling or Toggle bit until Erase completes.
7.
Odd word address = 4n-2 where n = 0, 1, 2, 3..., ex. 0002h, 0006h...
8.
WPR = Write protection register. To protect code, bit 15 of WPR must be ‘0’. To protect block N (N=0,1,...), bit N of WPR
must be ‘0’. Bit that are already at ‘0’ in protection register must also be ‘0’ in WPR, else a writing error will occurs (it is not
possible to write a ‘1’ in a bit already programmed at ‘0’).
9.
MEM = any address inside the Flash memory space. Absolute addressing mode must be used (MOV MEM, Rn), and
instruction must be executed from Flash memory space.
Table 3.
Instructions (continued)
Instruction
Mne Cycle
1st
Cycle
2nd
Cycle
3rd
Cycle
4th
Cycle
5th
Cycle
6th
Cycle
7th
Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com