Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 59Page - STMicroelectronics ST10F280_12 Datasheet HTML 60Page - STMicroelectronics ST10F280_12 Datasheet HTML 61Page - STMicroelectronics ST10F280_12 Datasheet HTML 62Page - STMicroelectronics ST10F280_12 Datasheet HTML 63Page - STMicroelectronics ST10F280_12 Datasheet HTML 64Page - STMicroelectronics ST10F280_12 Datasheet HTML 65Page - STMicroelectronics ST10F280_12 Datasheet HTML 66Page - STMicroelectronics ST10F280_12 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 239 page
background image
ST10F280
External bus controller
Doc ID 8673 Rev. 3
63/239
7.1
Programmable chip select timing control
The ST10F280 allows the user to adjust the position of the CSx lines changes. By default
(after reset), the CSx lines are changing half a CPU clock cycle (12.5 ns at fCPU = 40MHz)
after the rising edge of ALE.
With the CSCFG bit set in the SYSCON register, the CSx lines are changing with the rising
edge of ALE, thus the CSx lines are changing at the same time the address lines are
changing. See Section 19.2: System configuration registers for detailed description of
SYSCON register.
Figure 11.
Chip select delay
7.2
READY programmable polarity
The active level of the READY pin can be selected by software via the RDYPOL bit in the
BUSCONx registers. When the READY function is enabled for a specific address window,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com