Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 86 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 82Page - STMicroelectronics ST10F280_12 Datasheet HTML 83Page - STMicroelectronics ST10F280_12 Datasheet HTML 84Page - STMicroelectronics ST10F280_12 Datasheet HTML 85Page - STMicroelectronics ST10F280_12 Datasheet HTML 86Page - STMicroelectronics ST10F280_12 Datasheet HTML 87Page - STMicroelectronics ST10F280_12 Datasheet HTML 88Page - STMicroelectronics ST10F280_12 Datasheet HTML 89Page - STMicroelectronics ST10F280_12 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 239 page
background image
PWM module
ST10F280
86/239
Doc ID 8673 Rev. 3
Figure 22.
Operation and output waveform in burst mode
Single shot mode
Single shot mode is selected by setting the respective bit PSx in register XPWMCON1 to ‘1’.
This mode is available for XPWM channels 2 and 3.
In this mode the timer XPTx of the respective XPWM channel is started via software and is
counting up until it reaches the value in the associated period shadow register. Upon the
next count pulse the timer is cleared to 0000h and stopped via hardware, i.e. the respective
PTRx bit is cleared. The XPWM output signal is switched to high level when the timer
contents are equal to or greater than the contents of the pulse width shadow register. The
signal is switched back to low level when the respective timer is cleared, i.e. is below the
pulse width shadow register. Thus starting a XPWM timer in single shot mode produces one
single pulse on the respective port pin, provided that the pulse width value is between 0000h
and the period value. In order to generate a further pulse, the timer has to be started again
via software by setting bit PTRx (see Figure 23).
After starting the timer (i.e. PTRx = ‘1’) the output pulse may be modified via software.
Writing to timer XPTx changes the positive and/or negative edge of the output signal,
depending on whether the pulse has already started (i.e. the output is high) or not (i.e. the
output is still low). This (multiple) re-triggering is always possible while the timer is running,
i.e. after the pulse has started and before the timer is stopped.
Loading counter XPTx directly with the value in the respective XPPx shadow register will
abort the current PWM pulse upon the next clock pulse (counter is cleared and stopped by
hardware).
By setting the period (XPPx), the timer start value (XPTx) and the pulse width value (XPWx)
appropriately, the pulse width (tw) and the optional pulse delay (td) may be varied in a wide
range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com