Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 47Page - STMicroelectronics ST10F280_12 Datasheet HTML 48Page - STMicroelectronics ST10F280_12 Datasheet HTML 49Page - STMicroelectronics ST10F280_12 Datasheet HTML 50Page - STMicroelectronics ST10F280_12 Datasheet HTML 51Page - STMicroelectronics ST10F280_12 Datasheet HTML 52Page - STMicroelectronics ST10F280_12 Datasheet HTML 53Page - STMicroelectronics ST10F280_12 Datasheet HTML 54Page - STMicroelectronics ST10F280_12 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 239 page
background image
ST10F280
Internal Flash memory
Doc ID 8673 Rev. 3
51/239
smaller Baud rate pre-scaler factors and the implied higher quantization error
(see Figure 8).
The minimum Baud rate (BLow in the Figure 8) is determined by the maximum count
capacity of timer T6, when measuring the zero Byte, and it depends on the CPU clock.
Using the maximum T6 count 216 in the formula the minimum Baud rate can be calculated.
The lowest standard Baud rate in this case would be 1200 Baud. Baud rates below BLow
would cause T6 to overflow. In this case ASC0 cannot be initialized properly.
The maximum Baud rate (BHigh in the Figure 8) is the highest Baud rate where the
deviation still does not exceed the limit, so all Baud rates between BLow and BHigh are below
the deviation limit. The maximum standard Baud rate that fulfills this requirement is 19200
Baud.
Higher Baud rates, however, may be used as long as the actual deviation does not exceed
the limit. A certain Baud rate (marked ’I’ in Figure 8) may violate the deviation limit, while an
even higher Baud rate (marked ’II’ in Figure 8) stays very well below it. This depends on the
host interface.
Figure 8.
Baud rate deviation between host and ST10F280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com