Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 46Page - STMicroelectronics ST10F280_12 Datasheet HTML 47Page - STMicroelectronics ST10F280_12 Datasheet HTML 48Page - STMicroelectronics ST10F280_12 Datasheet HTML 49Page - STMicroelectronics ST10F280_12 Datasheet HTML 50Page - STMicroelectronics ST10F280_12 Datasheet HTML 51Page - STMicroelectronics ST10F280_12 Datasheet HTML 52Page - STMicroelectronics ST10F280_12 Datasheet HTML 53Page - STMicroelectronics ST10F280_12 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 239 page
background image
Internal Flash memory
ST10F280
50/239
Doc ID 8673 Rev. 3
of the loaded code or data. It may also contain a code sequence to change the system
configuration and enable the bus interface to store the received data into external memory.
This process may go through several iterations or may directly execute the final application.
In all cases the ST10F280 will still run in BSL mode, that means with the watchdog timer
disabled and limited access to the internal Flash area.
All code fetches from the internal Flash area (00’0000h...00’7FFFh or 01’0000h...01’7FFFh,
if mapped to segment 1) are redirected to the special Boot-ROM. Data fetches access will
access the internal Boot-ROM of the ST10F280, if any is available, but will return undefined
data on ROMless devices.
5.6.4
Exiting bootstrap loader mode
In order to execute a program in normal mode, the BSL mode must be terminated first. The
ST10F280 exits BSL mode upon a software reset (ignores the level on P0L.4) or a hardware
reset (P0L.4 must be high). After a reset the ST10F280 will start executing from location
00’0000h of the internal Flash or the external memory, as programmed via pin EA.
5.6.5
Choosing the baud rate for the BSL
The calculation of the serial Baud rate for ASC0 from the length of the first zero Byte that is
received, allows the operation of the bootstrap loader of the ST10F280 with a wide range of
Baud rates. However, the upper and lower limits have to be kept, in order to insure proper
data transfer.
The ST10F280 uses timer T6 to measure the length of the initial zero Byte. The quantization
uncertainty of this measurement implies the first deviation from the real Baud rate, the next
deviation is implied by the computation of the S0BRL reload value from the timer contents.
The formula below shows the association:
For a correct data transfer from the host to the ST10F280 the maximum deviation between
the internal initialized Baud rate for ASC0 and the real Baud rate of the host should be below
2.5%. The deviation (FB, in percent) between host Baud rate and ST10F280 Baud rate can
be calculated via the formula below:
Note:
Function (FB) does not consider the tolerances of oscillators and other devices supporting
the serial communication.
This Baud rate deviation is a nonlinear function depending on the CPU clock and the Baud
rate of the host. The maxima of the function (FB) increase with the host Baud rate due to the
B
ST10F280
f
CPU
32
S0BRL
1
+
()
×
------------------------------------------------
=
S0BR L
T6
36
–
72
--------------------
=
T6
9
4
---
f
CPU
B
Host
-----------------
×
=
,
F
B
B
Con tr
B
Host
–
B
Con tr
--------------------------------------------
100
×
=
% ,
F
B
2.5
≤
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com