Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 11Page - STMicroelectronics ST10F280_12 Datasheet HTML 12Page - STMicroelectronics ST10F280_12 Datasheet HTML 13Page - STMicroelectronics ST10F280_12 Datasheet HTML 14Page - STMicroelectronics ST10F280_12 Datasheet HTML 15Page - STMicroelectronics ST10F280_12 Datasheet HTML 16Page - STMicroelectronics ST10F280_12 Datasheet HTML 17Page - STMicroelectronics ST10F280_12 Datasheet HTML 18Page - STMicroelectronics ST10F280_12 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 239 page
background image
ST10F280
Ball data
Doc ID 8673 Rev. 3
15/239
Table 1.
Ball description
Symbol
Ball
number
Type
Function
P6.0 – P6.7
I/O
Port 6 is an 8-bit bidirectional I/O port. It is bit-wise programmable
for input or output via direction bits. For a pin configured as input,
the output driver is put into high-impedance state. Port 6 outputs
can be configured as push/pull or open drain drivers.
The following Port 6 pins also serve for alternate functions:
E4
O
P6.0 CS0 Chip Select 0 Output
D3
O
P6.1 CS1 Chip Select 1 Output
B1
O
P6.2 CS2 Chip Select 2 Output
C1
O
P6.3 CS3 Chip Select 3 Output
D2
O
P6.4 CS4 Chip Select 4 Output
E3
I
P6.5 HOLD External Master Hold Request Input
F4
O
P6.6 HLDA Hold Acknowledge Output
D1
O
P6.7 BREQ Bus Request Output
P8.0 – P8.7
I/O
Port 8 is an 8-bit bidirectional I/O port. It is bit-wise programmable
for input or output via direction bits. For a pin configured as input,
the output driver is put into high-impedance state. Port 8 outputs
can be configured as push/pull or open drain drivers. The input
threshold of Port 8 is selectable (TTL or special).
The following Port 8 pins also serve for alternate functions:
E2
I/O
P8.0 CC16IO CAPCOM2: CC16 Capture Input / Compare Output
F3
I/O
P8.1 CC17IO CAPCOM2: CC17 Capture Input / Compare Output
F2
I/O
P8.2 CC18IO CAPCOM2: CC18 Capture Input / Compare Output
G3
I/O
P8.3 CC19IO CAPCOM2: CC19 Capture Input / Compare Output
G2
I/O
P8.4 CC20IO CAPCOM2: CC20 Capture Input / Compare Output
H4
I/O
P8.5 CC21IO CAPCOM2: CC21 Capture Input / Compare Output
H3
I/O
P8.6 CC22IO CAPCOM2: CC22 Capture Input / Compare Output
H2
I/O
P8.7 CC23IO CAPCOM2: CC23 Capture Input / Compare Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com