Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 19Page - STMicroelectronics ST10F280_12 Datasheet HTML 20Page - STMicroelectronics ST10F280_12 Datasheet HTML 21Page - STMicroelectronics ST10F280_12 Datasheet HTML 22Page - STMicroelectronics ST10F280_12 Datasheet HTML 23Page - STMicroelectronics ST10F280_12 Datasheet HTML 24Page - STMicroelectronics ST10F280_12 Datasheet HTML 25Page - STMicroelectronics ST10F280_12 Datasheet HTML 26Page - STMicroelectronics ST10F280_12 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 239 page
background image
ST10F280
Ball data
Doc ID 8673 Rev. 3
23/239
PORT1:
P1L.0 - P1L.7,
P1H.0 - P1H.7
I/O
PORT1 consists of the two 8-bit bidirectional I/O ports P1L and
P1H. It is bit-wise programmable for input or output via direction
bits. For a pin configured as input, the output driver is put into high-
impedance state. PORT1 is used as the 16-bit address bus (A) in
demultiplexed bus modes and also after switching from a
demultiplexed bus mode to a multiplexed bus mode. The following
PORT1 pins also serve for alternate functions:
C11
I/O
P1L.0
B11
I/O
P1L.1
D10
I/O
P1L.2
C10
I/O
P1L.3
B10
I/O
P1L.4
A10
I/O
P1L.5
D9
I/O
P1L.6
C9
I/O
P1L.7
C8
I/O
P1H.0
D8
I/O
P1H.1
A7
I/O
P1H.2
B7
I/O
P1H.3
C7
I
P1H.4 CC24IO CAPCOM2: CC24 Capture Input
D7
I
P1H.5 CC25IO CAPCOM2: CC25 Capture Input
C5
I
P1H.6 CC26IO CAPCOM2: CC26 Capture Input
C6
I
P1H.7 CC27IO CAPCOM2: CC27 Capture Input
XTAL1
A5
I
XTAL1: Input to the oscillator amplifier and input to the internal
clock generator
XTAL2
A6
O
XTAL2: Output of the oscillator amplifier circuit.
To clock the device from an external source, drive XTAL1, while
leaving XTAL2 unconnected. Minimum and maximum high/low and
rise/fall times specified in the AC Characteristics must be observed.
RSTIN
A3
I
Reset Input with Schmitt-Trigger characteristics. A low level at this
pin for a specified duration while the oscillator is running resets the
ST10F280. An internal pull-up resistor permits power-on reset
using only a capacitor connected to VSS.
In bidirectional reset mode (enabled by setting bit BDRSTEN in
SYSCON register), the RSTIN line is pulled low for the duration of
the internal reset sequence.
RSTOUT
B4
O
Internal Reset Indication Output. This pin is set to a low level when
the part is executing either a hardware, a software or a watchdog
timer reset. RSTOUT remains low until the EINIT (end of
initialization) instruction is executed.
Table 1.
Ball description (continued)
Symbol
Ball
number
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com