Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 91 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 87Page - STMicroelectronics ST10F280_12 Datasheet HTML 88Page - STMicroelectronics ST10F280_12 Datasheet HTML 89Page - STMicroelectronics ST10F280_12 Datasheet HTML 90Page - STMicroelectronics ST10F280_12 Datasheet HTML 91Page - STMicroelectronics ST10F280_12 Datasheet HTML 92Page - STMicroelectronics ST10F280_12 Datasheet HTML 93Page - STMicroelectronics ST10F280_12 Datasheet HTML 94Page - STMicroelectronics ST10F280_12 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 239 page
background image
ST10F280
PWM module
Doc ID 8673 Rev. 3
91/239
will be set again if during execution of the service routine a new channel interrupt request is
generated.
XP2IC
Address:
0xF196h / CBh ESFR
Reset:
0x--00h
Type:
R/W
Note:
Refer to the general Interrupt Control Register description for an explanation of the control
fields.
11.2.5
XPWM output signals
The output signals of the four XPWM channels are XPWM3...XPWM0. The output signal of
each PWM channel is individually enabled by control bit PENx in register XPWMCON1.
The XPWM signals are XORed with the outputs of the register XPOLAR(3...0) before being
driven to the output pins. This allows driving the XPWM signal directly to the output pin
(XPOLAR.x=’0’) or driving the inverted XPWM signal (XPOLAR.x=’1’).
Figure 24.
XPWM output signal generation
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
---
----
XP2IR
XP2IE
ILVL
GLVL
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com