Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 88 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 84Page - STMicroelectronics ST10F280_12 Datasheet HTML 85Page - STMicroelectronics ST10F280_12 Datasheet HTML 86Page - STMicroelectronics ST10F280_12 Datasheet HTML 87Page - STMicroelectronics ST10F280_12 Datasheet HTML 88Page - STMicroelectronics ST10F280_12 Datasheet HTML 89Page - STMicroelectronics ST10F280_12 Datasheet HTML 90Page - STMicroelectronics ST10F280_12 Datasheet HTML 91Page - STMicroelectronics ST10F280_12 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 239 page
background image
PWM module
ST10F280
88/239
Doc ID 8673 Rev. 3
PWM cycle, or upon a write access to XPPx, while the timer is stopped. The CPU accesses
the XPPx register while the hardware compares the contents of the shadow register with the
contents of the associated counter XPTx. When a match is found between counter and
XPPx shadow register, the counter is either reset to 0000h, or the count direction is switched
from counting up to counting down, depending on the selected operating mode of that
XPWM channel. For the register locations refer to the Table 15.
Pulse width registers XPWx
This 16-bit register holds the actual PWM pulse width value which corresponds to the duty
cycle of the PWM signal. This register is buffered with a shadow register. The CPU
accesses the XPWx register while the hardware compares the contents of the shadow
register with the contents of the associated counter XPTx. The shadow register is loaded
from the respective XPWx register at the beginning of every new PWM cycle, or upon a
write access to XPWx, while the timer is stopped.When the counter value is greater than or
equal to the shadow register value, the PWM signal is set, otherwise it is reset. The output
of the comparators may be described by the boolean formula:
PWM output signal = [XPTx]
≥ [XPWx shadow latch].
This type of comparison allows a flexible control of the PWM signal. For the register
locations refer to the Table 15.
Table 15.
XPWM module channel specific register addresses
Register
Address
Register
Address
XPW0
EC30h
XPT0
EC10h
XPW1
EC32h
XPT1
EC12h
XPW2
EC34h
XPT2
EC14h
XPW3
EC36h
XPT3
EC16h
These registers are not bit-addressable.
XPP0
EC20h
XPP1
EC22h
XPP2
EC24h
XPP3
EC26h
Table 16.
XPWM frequency
Mode 0
Resolution
8-bit
10-bit
12-bit
14-bit
16-bit
CPU Clock/1
25ns
156.25kHz
39.06kHz
9.77kHz
2.44Hz
610.35Hz
CPU Clock/64
1.6
μs
2.44Hz
610.35Hz
152.58Hz
38.15Hz
9.54Hz
Mode 1
Resolution
8-bit
10-bit
12-bit
14-bit
16-bit
CPU Clock/1
25ns
78.12kHz
19.53kHz
4.88kHz
1.22kHz
305.17Hz
CPU Clock/64
1.6
μs
1.22kHz
305.17Hz
76.29Hz
19.07Hz
4.77Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com