Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 30Page - STMicroelectronics ST10F280_12 Datasheet HTML 31Page - STMicroelectronics ST10F280_12 Datasheet HTML 32Page - STMicroelectronics ST10F280_12 Datasheet HTML 33Page - STMicroelectronics ST10F280_12 Datasheet HTML 34Page - STMicroelectronics ST10F280_12 Datasheet HTML 35Page - STMicroelectronics ST10F280_12 Datasheet HTML 36Page - STMicroelectronics ST10F280_12 Datasheet HTML 37Page - STMicroelectronics ST10F280_12 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 239 page
background image
Internal Flash memory
ST10F280
34/239
Doc ID 8673 Rev. 3
5.2.8
Power supply, reset
The Flash module uses a single power supply for both read and write functions. Internally
generated and regulated voltages are provided for the program and erase operations from
5V supply. Once a program or erase cycle has been completed, the device resets to the
standard read mode. At power-on, the Flash memory has a setup phase of some
microseconds (dependent on the power supply ramp-up). During this phase, Flash can not
be read. Thus, if EA pin is high (execution will start from Flash memory), the CPU remains in
reset state until the Flash can be accessed.
5.3
Architectural description
The Flash module distinguishes two basic operating modes, the standard read mode and
the command mode. The initial state after power-on and after reset is the standard read
mode.
5.3.1
Read mode
The Flash module enters the standard operating mode, the read mode:
●
After reset command
●
After every completed erase operation
●
After every completed programming operation
●
After every other completed command execution
●
Few microseconds after a CPU-reset has started
●
After incorrect address and data values of command sequences or writing them in an
improper sequence
●
After incorrect write access to a read protected Flash memory
The read mode remains active until the last command of a command sequence is decoded
which starts directly a Flash array operation, such as:
●
Erase one or several blocks
●
Program a word into Flash array
●
Protect / temporary unprotect a block.
In the standard read mode read accesses are directly controlled by the Flash memory array,
delivering a 32-bit double Word from the addressed position. Read accesses are always
aligned to double Word boundaries. Thus, both low order address bit A1 and A0 are not
used in the Flash array for read accesses. The high order address bit A18/A17/A16 define
the physical 64K Bytes segment being accessed within the Flash array.
5.3.2
Command mode
Every operation besides standard read operations is initiated by commands written to the
Flash command register. The addresses used for command cycles define in conjunction
with the actual state the specific step within command sequences. With the last command of
a command sequence, the Erase-Program Controller (EPC) starts the execution of the
command. The EPC status is indicated during command execution by:
●
Status Register
●
Ready/Busy signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com