Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 15Page - STMicroelectronics ST10F280_12 Datasheet HTML 16Page - STMicroelectronics ST10F280_12 Datasheet HTML 17Page - STMicroelectronics ST10F280_12 Datasheet HTML 18Page - STMicroelectronics ST10F280_12 Datasheet HTML 19Page - STMicroelectronics ST10F280_12 Datasheet HTML 20Page - STMicroelectronics ST10F280_12 Datasheet HTML 21Page - STMicroelectronics ST10F280_12 Datasheet HTML 22Page - STMicroelectronics ST10F280_12 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 239 page
background image
ST10F280
Ball data
Doc ID 8673 Rev. 3
19/239
P3.0 - P3.13,
P3.15
I/O
Port 3 is a 15-bit (P3.14 is missing) bidirectional I/O port. It is bit-
wise programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-impedance
state. Port 3 outputs can be configured as push/pull or open drain
drivers. The input threshold of Port 3 is selectable (TTL or special).
The following Port 3 pins also serve for alternate functions:
R12
I
P3.0 T0IN CAPCOM Timer T0 Count Input
T13
O
P3.1 T6OUT GPT2 Timer T6 Toggle Latch Output
P12
I
P3.2 CAPIN GPT2 Register CAPREL Capture Input
R13
O
P3.3 T3OUT GPT1 Timer T3 Toggle Latch Output
T14
I
P3.4 T3EUD GPT1 Timer T3 External Up / Down Control Input
P13
I
P3.5 T4IN GPT1 Timer T4 Input for Count / Gate / Reload / Capture
R14
I
P3.6 T3IN GPT1 Timer T3 Count / Gate Input
P14
I
P3.7 T2IN GPT1 Timer T2 Input for Count / Gate / Reload / Capture
R15
I/O
P3.8 MRST SSC Master-Receive / Slave-Transmit I/O
R16
I/O
P3.9 MTSR SSC Master-Transmit / Slave-Receive O/I
N14
I/O
P3.10 TxD0 ASC0 Clock / Data Output (Asynchronous /
Synchronous)
P15
O
P3.11 RxD0 ASC0 Data Input (Asynchronous) or I/O
(Synchronous)
P16
O
P3.12 BHE External Memory High Byte Enable Signal, WRH
External Memory High Byte Write Strobe
M14
I/O
P3.13 SCLK SSC Master Clock Output / Slave Clock Input
T17
O
P3.15 CLKOUT System Clock Output (= CPU Clock)
Table 1.
Ball description (continued)
Symbol
Ball
number
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com