Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 10Page - STMicroelectronics ST10F280_12 Datasheet HTML 11Page - STMicroelectronics ST10F280_12 Datasheet HTML 12Page - STMicroelectronics ST10F280_12 Datasheet HTML 13Page - STMicroelectronics ST10F280_12 Datasheet HTML 14Page - STMicroelectronics ST10F280_12 Datasheet HTML 15Page - STMicroelectronics ST10F280_12 Datasheet HTML 16Page - STMicroelectronics ST10F280_12 Datasheet HTML 17Page - STMicroelectronics ST10F280_12 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 239 page
background image
Ball data
ST10F280
14/239
Doc ID 8673 Rev. 3
2
Ball data
The ST10F280 package is a PBGA of 23 x 23 x 1.96 mm. The pitch of the balls is 1.27 mm.
The signal assignment of the 208 balls is described in Figure 2 for the configuration and in
Table 1 for the ball signal assignment. This package has 25 additional thermal balls.
Figure 2.
Ball Configuration (bottom view)
K7
VSS
K8
VSS
K9
VSS
J7
VSS
J8
VSS
J9
VSS
H7
VSS
H8
VSS
H9
VSS
G7
VSS
G8
VSS
G9
VSS
K10
VSS
K11
VSS
J10
VSS
J11
VSS
H10
VSS
H11
VSS
G10
VSS
G11
VSS
VSS
VSS
VSS
VSS
VSS
U1
U2
VAREF
U3
VAGND
U4
U5
U6
U7
U8
U9
U10
VSS
U11
DC2
U12
U13
U14
U15
U16
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
T11
T12
T13
T14
T15
T16
R1
R2
R3
R4
R14
R15
R16
M1
M2
M3
M15
M16
M17
L1
VSS
L2
L3
L15
L16
L17
VDD
K1
VDD
K2
K3
K15
K16
K17
VSS
J1
J2
J3
J15
J16
J17
H1
H2
H3
H15
H16
H17
G1
G2
G3
G15
G16
G17
F1
F2
F3
F15
F16
F17
E1
E2
E3
E15
E16
E17
VSS
D1
D2
D3
D15
D16
D17
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
C13
C14
C15
C16
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
A1
A2
A3
A4
RSTIN
A5
XTAL1
A6
XTAL2
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
U17
T17
R17
C17
B17
A17
U
U
VSS
DC1
VDD
M4
L4
K4
J4
H4
G4
E4
D4
M14
L14
K14
J14
H14
G14
E14
D14
P15
P16
P17
P14
D5
D6
D7
D8
D9
D10
D11
D12
D13
P5
P6
P7
P8
P9
P10
P11
P12
P13
N1
N2
N3
N4
F4
F14
L7
L8
L9
L10
L11
VDD
VDD
VSS
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VDD
VSS
VDD
P3.15
VDD
VSS
RPD
XP10.3
XP10.2
XP10.1
XP10.0
XP10.4
XP10.5
XP10.6
XP10.7
XP10.11
XP10.8
P5.6
P5.10
P5.14
XP10.9
XP10.10
XP10.13 XP10.12
P5.1
P5.3
P5.7
P5.11
P5.15
XP10.14
P5.0
P5.2
P5.4
P5.8
P5.12
XP10.15
P5.5
P5.9
P5.13
xpwm.0
xpwm.1
xpwm.2
xpwm.3
P6.0
P6.1
P6.2
P6.3
P6.4
P6.5
P6.6
P6.7
P8.0
P8.1
P8.2
P8.3
P8.4
P8.5
P8.6
P8.7
P7.0
P7.1
P7.2
P7.3
P7.4
P7.5
P7.6
P7.7
XADCINJ
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
P2.8
P2.9
P2.10
P2.11
P2.12
P2.13
P2.14
P2.15
P3.0
P3.1
P3.2
P3.3
P3.4
P3.5
P3.6
P3.7
P3.8
P3.9
P3.10
P3.11
P3.12
P3.13
P4.0
P4.1
P4.2
P4.3
P4.4
P4.5
P4.6
P4.7
RD
WR
READY
ALE
EA
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
P0.8
P0.9
P0.10
P0.11
P0.12
P0.13
P0.14
P0.15
XP9.0
XP9.1
XP9.2
XP9.3
XP9.4
XP9.5
XP9.6
XP9.7
XP9.8
XP9.9
XP9.10
XP9.11
XP9.12
XP9.13
XP9.14
XP9.15
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
P1.8
P1.9
P1.10
P1.11
P1.12
P1.13
P1.14
P1.15
VSS
RSTOUT
NMI
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
R5
R6
R7
R8
R9
R10
R11
R12
R13
N15
N16
N17
N14
P1
P2
P3
P4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com