Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 1 Page - STMicroelectronics

  ST10F280_12 Datasheet HTML 1Page - STMicroelectronics ST10F280_12 Datasheet HTML 2Page - STMicroelectronics ST10F280_12 Datasheet HTML 3Page - STMicroelectronics ST10F280_12 Datasheet HTML 4Page - STMicroelectronics ST10F280_12 Datasheet HTML 5Page - STMicroelectronics ST10F280_12 Datasheet HTML 6Page - STMicroelectronics ST10F280_12 Datasheet HTML 7Page - STMicroelectronics ST10F280_12 Datasheet HTML 8Page - STMicroelectronics ST10F280_12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 239 page
background image
This is information on a product in full production.
August 2012
Doc ID 8673 Rev. 3
1/239
1
ST10F280
16-bit MCU with MAC unit,
512 Kbyte Flash memory and 18 Kbyte RAM
Datasheet
− production data
Features
■ High performance cpu with dsp functions
– 16-bit CPU with 4-stage pipeline.
– 50ns Instruction cycle time at 40MHz CPU
clock
– Multiply/accumulate unit (MAC) 16 x 16-bit
multiplication, 40-bit accumulator
– Repeat unit
– Enhanced boolean bit manipulation
facilities
– Additional instructions to support hll and
operating systems
– Single-cycle context switching support
■ Memory organization
– 512KB on-chip Flash memory single
voltage with erase/program controller
– 100K erasing/programming cycles
– 20 year data retention time
– Up to 16MB linear address space for code
and data (5MB with CAN)
– 2KB on-chip internal ram (IRAM)
– 16KB extension RAM (XRAM)
■ Fast and flexible bus
– Programmable external bus characteristics
for different address ranges
– 8-bit or 16-bit external data bus
– Multiplexed or demultiplexed external
address/data buses
– Five programmable chip-select signals
– Hold-acknowledge bus arbitration support
■ Interrupt
– 8-channel peripheral event controller for
single cycle, interrupt driven data transfer
– 16-priority-level interrupt system with 56
sources, sample-rate down to 25ns
■ Two multi-functional general purpose timer
units with 5 timers
■ Two 16-channel capture/compare units
■ A/D converter
– 2X16-channel 10-bit
–4.85
μs conversion time
– One timer for adc channel injection
■ 8-channel PWM unit
■ Serial channels
– Synchronous/async serial channel
– High-speed synchronous channel
■ Fail-safe protection
– Programmable watchdog timer
– Oscillator watchdog
■ Two CAN 2.0b interfaces operating on one or
two can busses (30 or 2x15 message objects)
■ On-chip bootstrap loader
■ Clock generation
–On-chip PLL
– Direct or prescaled clock input
■ Up to 143 general purpose i/o lines
– Individually programmable as input, output
or special function
– Programmable threshold (hysteresis)
■ Idle and power down modes
■ Maximum cpu frequency 40MHz
■ Package PBGA 208 balls (23 x 23 x 1.96 mm -
pitch 1.27 mm)
■ Single voltage supply: 5 V ±10% (embedded
regulator for 3.3 V core supply)
■ Temperature range: -40°C to 125°C
PBGA208 (23 x 23 x 1.96 - Pitch 1.27 mm)
(Plastic Bold Grid Array)
ORDER CODE: ST10F280-JT3
www.st.com


Similar Part No. - ST10F280_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F280-AB STMICROELECTRONICS-ST10F280-AB Datasheet
31Kb / 4P
16-Bit MCU with 512K Byte FLASH and 18K Byte RAM Memories
Feb-2002
ST10F280-JT3 STMICROELECTRONICS-ST10F280-JT3 Datasheet
1Mb / 186P
16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
Mar-2003
More results

Similar Description - ST10F280_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F276 STMICROELECTRONICS-ST10F276_06 Datasheet
4Mb / 229P
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
02-Jun-2006
ST10F273 STMICROELECTRONICS-ST10F273 Datasheet
2Mb / 179P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
08-Jun-2006
ST10F273E STMICROELECTRONICS-ST10F273E Datasheet
1Mb / 179P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
11-May-2006
ST10F271 STMICROELECTRONICS-ST10F271 Datasheet
2Mb / 173P
16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
30-Jun-2006
ST10F271Z1 STMICROELECTRONICS-ST10F271Z1 Datasheet
3Mb / 185P
16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
18-Jan-2008
ST10F276Z5 STMICROELECTRONICS-ST10F276Z5_07 Datasheet
2Mb / 239P
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
03-Dec-2007
ST10F272Z2 STMICROELECTRONICS-ST10F272Z2_08 Datasheet
2Mb / 189P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
11-Jan-2008
ST10F276E STMICROELECTRONICS-ST10F276E Datasheet
2Mb / 235P
16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
10-Aug-2012
ST10F276-4TR3 STMICROELECTRONICS-ST10F276-4TR3 Datasheet
2Mb / 235P
16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
10-Aug-2012
ST10F273Z4 STMICROELECTRONICS-ST10F273Z4 Datasheet
1Mb / 188P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
10-Jan-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com