Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 90 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 86Page - STMicroelectronics ST10F280_12 Datasheet HTML 87Page - STMicroelectronics ST10F280_12 Datasheet HTML 88Page - STMicroelectronics ST10F280_12 Datasheet HTML 89Page - STMicroelectronics ST10F280_12 Datasheet HTML 90Page - STMicroelectronics ST10F280_12 Datasheet HTML 91Page - STMicroelectronics ST10F280_12 Datasheet HTML 92Page - STMicroelectronics ST10F280_12 Datasheet HTML 93Page - STMicroelectronics ST10F280_12 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 239 page
background image
PWM module
ST10F280
90/239
Doc ID 8673 Rev. 3
XPWMCON1
Address:
0xEC02h
Reset:
0x0000h
Type:
R/W
Register XPWMCON1 controls the operating modes and the outputs of the four XPWM
channels. The basic operating mode for each channel (standard = edge aligned, or
symmetrical = center aligned PWM mode) is selected by the mode bits XPMx. Burst mode
(channels 0 and 1) and single shot mode (channel 2 or 3) are selected by separate control
bits. The output signal of each XPWM channel is individually enabled by bit PENx. If the
output is not enabled the respective pin can only be used to generate an interrupt request.
Note: This register is not bit-addressable.
11.2.4
Interrupt request generation
Each of the four channels of the XPWM module can generate an individual interrupt
request. Each of these “channel interrupts” can activate the common “module interrupt”,
which actually interrupts the CPU. This common module interrupt is controlled by the XPWM
Module Interrupt Control register XP2IC(Xperipherals 2 control register). The interrupt
service routine can determine the active channel interrupt(s) from the channel specific
interrupt request flags PIRx in register XPWMCON0. The interrupt request flag PIRx of a
channel is set at the beginning of a new PWM cycle, i.e. upon loading the shadow registers.
This indicates that registers XPPx and XPWx are now ready to receive a new value. If a
channel interrupt is enabled via its respective PIEx bit, also the common interrupt request
flag XP2IR in register XP2IC is set, provided that it is enabled via the common interrupt
enable bit XP2IE.
Note:
The channel interrupt request flags (PIRx in register XPWMCON0) are not automatically
cleared by hardware upon entry into the interrupt service routine, so they must be cleared
via software. The module interrupt request flag XP2IR is cleared by hardware upon entry
into the service routine, regardless of how many channel interrupts were active. However, it
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PS3
PS2
-
PB01
-
-
-
-
PM3
PM2
PM1
PM0
PEN3
PEN2
PEN1
PEN0
R/W
R/W
-
R/W
-
-
-
-
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PENx XPWM Channel x Output Enable Bit
0: Channel x output signal disabled, generate interrupt only
1: Channel x output signal enabled
PMx XPWM Channel x Mode Control Bit
0: Channel x operates in mode 0, edge aligned PWM
1: Channel x operates in mode 1, center aligned PWM
PB01 XPWM Channel 0/1 Burst Mode Control Bit
0: Channels 0 and 1 work independently in respective standard mode
1: Outputs of channels 0 and 1 are ANDed to XPWM0 in burst mode
PSx XPWM Channel x Single Shot Mode Control Bit
0: Channel x works in respective standard mode
1: Channel x operates in single shot mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com