Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 95 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 91Page - STMicroelectronics ST10F280_12 Datasheet HTML 92Page - STMicroelectronics ST10F280_12 Datasheet HTML 93Page - STMicroelectronics ST10F280_12 Datasheet HTML 94Page - STMicroelectronics ST10F280_12 Datasheet HTML 95Page - STMicroelectronics ST10F280_12 Datasheet HTML 96Page - STMicroelectronics ST10F280_12 Datasheet HTML 97Page - STMicroelectronics ST10F280_12 Datasheet HTML 98Page - STMicroelectronics ST10F280_12 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 239 page
background image
ST10F280
Parallel ports
Doc ID 8673 Rev. 3
95/239
Figure 26.
XBUS registers associated with the parallel ports
12.1
Introduction
12.1.1
Open drain mode
In the ST10F280 some ports provide Open Drain Control. This makes it possible to switch
the output driver of a port pin from a push/pull configuration to an open drain configuration.
In push/pull mode a port output driver has an upper and a lower transistor, thus it can
actively drive the line either to a high or a low level. In open drain mode the upper transistor
is always switched off, and the output driver can only actively drive the line to a low level.
When writing a ‘1’ to the port latch, the lower transistor is switched off and the output enters
a high-impedance state. The high level must then be provided by an external pull-up device.
With this feature, it is possible to connect several port pins together to a Wired-AND
configuration, saving external glue logic and/or additional software overhead for
enabling/disabling output signals.
This feature is implemented for ports P2, P3, P4, P6, P7 and P8 (see respective sections),
and is controlled through the respective Open Drain Control Registers ODPx. These
registers allow the individual bit-wise selection of the open drain mode for each port line. If
the respective control bit ODPx.y is ‘0’ (default after reset), the output driver is in the
push/pull mode. If ODPx.y is ‘1’, the open drain configuration is selected. Note that all ODPx
registers are located in the ESFR space.
Figure 27.
Output drivers in push/pull mode and in open drain mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com