Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 20Page - STMicroelectronics ST10F280_12 Datasheet HTML 21Page - STMicroelectronics ST10F280_12 Datasheet HTML 22Page - STMicroelectronics ST10F280_12 Datasheet HTML 23Page - STMicroelectronics ST10F280_12 Datasheet HTML 24Page - STMicroelectronics ST10F280_12 Datasheet HTML 25Page - STMicroelectronics ST10F280_12 Datasheet HTML 26Page - STMicroelectronics ST10F280_12 Datasheet HTML 27Page - STMicroelectronics ST10F280_12 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 239 page
background image
Ball data
ST10F280
24/239
Doc ID 8673 Rev. 3
NMI
C4
I
Non-Maskable Interrupt Input. A high to low transition at this pin
causes the CPU to vector to the NMI trap routine. If bit PWDCFG =
‘0’ in SYSCON register, when the PWRDN (power down)
instruction is executed, the NMI pin must be low in order to force
the ST10F280 to go into power down mode. If NMI is high and
PWDCFG =’0’, when PWRDN is executed, the part will continue to
run in normal mode.
If not used, pin NMI should be pulled high externally.
XPWM.0
D4
O
XPWM Channel 0 Output
XPWM.1
C3
O
XPWM Channel 1 Output
XPWM.2
B2
O
XPWM Channel 2 Output
XPWM.3
C2
O
XPWM Channel 3 Output
XADCINJ
L3
O
Output trigger for ADC channel injection
VAREF
U2
-
Reference voltage for the A/D converter.
VAGND
U3
-
Reference ground for the A/D converter.
RPD
M17
I/O
Timing pin for the return from powerdown circuit and
synchronous/asynchronous reset selection.
DC1
G1
O
3.3V Decoupling pin: a decoupling capacitor of ~330 nF must be
connected between this pin and nearest VSS pin.
DC2
U11
O
3.3V Decoupling pin: a decoupling capacitor of ~330 nF must be
connected between this pin and VSS nearest pin.
VDD
A2
A9
A12
A14
E1
K1
U8
U15
P17
L17
G17
-
Digital Supply Voltage: + 5 V during normal operation, idle mode
and power down mode
Table 1.
Ball description (continued)
Symbol
Ball
number
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com