Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 85 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 81Page - STMicroelectronics ST10F280_12 Datasheet HTML 82Page - STMicroelectronics ST10F280_12 Datasheet HTML 83Page - STMicroelectronics ST10F280_12 Datasheet HTML 84Page - STMicroelectronics ST10F280_12 Datasheet HTML 85Page - STMicroelectronics ST10F280_12 Datasheet HTML 86Page - STMicroelectronics ST10F280_12 Datasheet HTML 87Page - STMicroelectronics ST10F280_12 Datasheet HTML 88Page - STMicroelectronics ST10F280_12 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 239 page
background image
ST10F280
PWM module
Doc ID 8673 Rev. 3
85/239
Figure 21.
Operation and output waveform in mode 1
Burst mode
Burst mode is selected by setting bit PB01 in register XPWMCON1 to ‘1’. This mode
combines the signals from XPWM channels 0 and 1 onto the port pin of channel 0. The
output of channel 0 is replaced with the logical AND of channels 0 and 1. The output of
channel 1 can still be used at its associated output pin (if enabled).
Each of the two channels can either operate in mode 0 or 1.
Note:
It is guaranteed by design, that no spurious spikes will occur at the output pin of channel 0 in
this mode. The output of the AND gate will be transferred to the output pin synchronously to
internal clocks.
XORing of the PWM signal and the port output latch value is done after the ANDing of
channel 0 and 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com