Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 34Page - STMicroelectronics ST10F280_12 Datasheet HTML 35Page - STMicroelectronics ST10F280_12 Datasheet HTML 36Page - STMicroelectronics ST10F280_12 Datasheet HTML 37Page - STMicroelectronics ST10F280_12 Datasheet HTML 38Page - STMicroelectronics ST10F280_12 Datasheet HTML 39Page - STMicroelectronics ST10F280_12 Datasheet HTML 40Page - STMicroelectronics ST10F280_12 Datasheet HTML 41Page - STMicroelectronics ST10F280_12 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 239 page
background image
Internal Flash memory
ST10F280
38/239
Doc ID 8673 Rev. 3
period, it will terminate the time-out period in addition to erase Suspend. The Toggle Bit
FSB.6, when monitored at an address that belongs to the block being erased, stops toggling
when Erase Suspend Command is effective, It happens between 0.1
μs and 15μs after the
Erase Suspend Command has been written. The Flash will then go in normal Read Mode,
and read from blocks not being erased is valid, while read from block being erased will
output FSB.2 toggling. During a Suspend phase the only instructions valid are Erase
Resume and Program Word. A Read / Reset instruction during Erase suspend will definitely
abort the Erase and result in invalid data in the block being erased.
Erase Resume (ER). This instruction can be given when the memory is in Erase Suspend
State. Erase can be resumed by writing the command xx30h at any address without any Cl-
enable sequence.
Program during Erase Suspend. The Program Word instruction during Erase Suspend is
allowed only on blocks that are not Erase-suspended. This instruction is the same than the
Program Word instruction.
Set Protection (SP). This instruction can be used to enable both Block Protection (to
protect each block independently from accidental Erasing-Programming Operation) and
Code Protection (to avoid code dump). The Set Protection Command must be given after a
special CI-Protection Enable cycles (see instruction table). The following Write cycle, will
program the Protection Register. To protect the block x (x = 0 to 10), the data bit x must be at
‘0’. To protect the code, bit 15 of the data must be ‘0’. Enabling Block or Code Protection is
permanent and can be cleared only by STM. Block Temporary Unprotection and Code
Temporary Unprotection instructions are available to allow the customer to update the code.
Note:
The new value programmed in protection register will only become active after a reset.
Bit that are already at ’0’ in protection register must be confirmed at ’0’ also in data latched
during the 4th cycle of set protection command, otherwise an error may occur.
Read Protection Status (RP). This instruction is used to read the Block Protection status
and the Code Protection status. To read the protection register (see Table 3), the CI-
Protection Enable cycles must be executed followed by the command xx90h at address
x2A54h. The following Read Cycles at any odd word address will output the Block
Protection Status. The Read/Reset command xxF0h must be written to reset the protection
interface.
Note:
After a modification of protection register (using Set Protection command), the Read
Protection Status will return the new PR value only after a reset.
Block Temporary Unprotection (BTU). This Instruction can be used to temporary
unprotect all the blocks from Program / Erase protection. The Unprotection is disabled after
a Reset cycle. The Block Temporary Unprotection command xxC1h must be given to enable
Block Temporary Unprotection. The Command must be preceded by the CI-Protection
Enable cycles and followed by the Read/Reset command xxF0h.
Set Code Protection (SCP). This kind of protection allows the customer to protect the
proprietary code written in Flash. If installed and active, Flash Code Protection prevents
data operand accesses and program branches into the on-chip Flash area from any location
outside the Flash memory itself. Data operand accesses and branches to Flash locations
are only and exclusively allowed for instructions executed from the Flash memory itself.
Every read or jump to Flash performed from another memory (like internal RAM, external
memory) while Code Protection is enabled, will give the opcode 009Bh related to TRAP #00
illegal instruction. The CI-Protection Enable cycles must be sent to set the Code Protection.
By writing data 7FFFh at any odd word address, the Code Protected status is stored in the
Flash Protection Register (PR). Protection is permanent and cannot be cleared by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com