Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 81 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 77Page - STMicroelectronics ST10F280_12 Datasheet HTML 78Page - STMicroelectronics ST10F280_12 Datasheet HTML 79Page - STMicroelectronics ST10F280_12 Datasheet HTML 80Page - STMicroelectronics ST10F280_12 Datasheet HTML 81Page - STMicroelectronics ST10F280_12 Datasheet HTML 82Page - STMicroelectronics ST10F280_12 Datasheet HTML 83Page - STMicroelectronics ST10F280_12 Datasheet HTML 84Page - STMicroelectronics ST10F280_12 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 239 page
background image
ST10F280
PWM module
Doc ID 8673 Rev. 3
81/239
11
PWM module
11.1
Standard PWM module
The pulse width modulation module can generate up to four PWM output signals using
edge-aligned or centre-aligned PWM. In addition, the PWM module can generate PWM
burst signals and single shot outputs. The Table 14 shows the PWM frequencies for different
resolutions.
The level of the output signals is selectable and the PWM module can generate interrupt
requests.
Figure 17.
Block diagram of PWM module
11.2
New PWM module: XPWM
The new Pulse Width Modulation (XPWM) Module of the ST10F280 is mapped on the
XBUS interface (Address range 00’EC00h-00’ECFFh) and allows the generation of up to 4
independent PWM signals.The XPWM is enabled by setting XPEN bit 2 of the SYSCON
register and bit 4 of the new XPERCON register. The frequency range of these XPWM
signals for a 40MHz CPU clock is from 9.6Hz up to 20MHz for edge aligned signals. For
center aligned signals the frequency range is 4.8Hz up to 10MHz (see detailed description).
The minimum values depend on the width (16 bit) and the resolution (CLK/1 or CLK/64) of
Table 14.
PWM unit frequencies and resolution at 40MHz CPU clock
Mode 0
Resolution
8-bit
10-bit
12-bit
14-bit
16-bit
CPU Clock/1
25ns
156.25kHz
39.06kHz
9.77kHz
2.44Hz
610.35Hz
CPU Clock/64
1.6
μs
2.44Hz
610.35Hz
152.58Hz
38.15Hz
9.54Hz
Mode 1
Resolution
8-bit
10-bit
12-bit
14-bit
16-bit
CPU Clock/1
25ns
78.12kHz
19.53kHz
4.88kHz
1.22kHz
305.17Hz
CPU Clock/64
1.6
μs
1.22kHz
305.17Hz
76.29Hz
19.07Hz
4.77Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com