Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 28Page - STMicroelectronics ST10F280_12 Datasheet HTML 29Page - STMicroelectronics ST10F280_12 Datasheet HTML 30Page - STMicroelectronics ST10F280_12 Datasheet HTML 31Page - STMicroelectronics ST10F280_12 Datasheet HTML 32Page - STMicroelectronics ST10F280_12 Datasheet HTML 33Page - STMicroelectronics ST10F280_12 Datasheet HTML 34Page - STMicroelectronics ST10F280_12 Datasheet HTML 35Page - STMicroelectronics ST10F280_12 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 239 page
background image
Internal Flash memory
ST10F280
32/239
Doc ID 8673 Rev. 3
5.2.2
Instructions and commands
All operations besides normal read operations are initiated and controlled by command
sequences written to the Flash Command Interface (CI). The Command Interface (CI)
interprets words written to the Flash memory and enables one of the following operations:
●
Read memory array
●
Program word
●
Block erase
●
Chip erase
●
Erase suspend
●
Erase resume
●
Block protection
●
Block temporary unprotection
●
Code protection
Commands are composed of several write cycles at specific addresses of the Flash
memory. The different write cycles of such command sequences offer a fail-safe feature to
protect against an inadvertent write.
A command only starts when the Command Interface has decoded the last write cycle of an
operation. Until that last write is performed, Flash memory remains in Read Mode
Note:
As it is not possible to perform write operations in the Flash while fetching code from Flash,
the Flash commands must be written by instructions executed from internal RAM or external
memory.
Command write cycles do not need to be consecutively received, pauses are allowed, save
for Block Erase command. During this operation all Erase Confirm commands must be sent
to complete any block erase operation before time-out period expires (typically 96
μs).
Command sequencing must be followed exactly. Any invalid combination of commands will
reset the Command Interface to Read Mode.
Table 2.
512 Kbyte Flash memory block organization
Block
Addresses (segment 0)
Addresses (segment 1)
Size (Kbyte)
0
1
2
3
4
5
6
7
8
9
10
00’0000h to 00’3FFFh
00’4000h to 00’5FFFh
00’6000h to 00’7FFFh
01’8000h to 01’FFFFh
02’0000h to 02’FFFFh
03’0000h to 03’FFFFh
04’0000h to 04’FFFFh
05’0000h to 05’FFFFh
06’0000h to 06’FFFFh
07’0000h to 07’FFFFh
08’0000h to 08’FFFFh
01’0000h to 01’3FFFh
01’4000h to 01’5FFFh
01’6000h to 01’7FFFh
01’8000h to 01’FFFFh
02’0000h to 02’FFFFh
03’0000h to 03’FFFFh
04’0000h to 04’FFFFh
05’0000h to 05’FFFFh
06’0000h to 06’FFFFh
07’0000h to 07’FFFFh
08’0000h to 08’FFFFh
16
8
8
32
64
64
64
64
64
64
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com