Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 41Page - STMicroelectronics ST10F280_12 Datasheet HTML 42Page - STMicroelectronics ST10F280_12 Datasheet HTML 43Page - STMicroelectronics ST10F280_12 Datasheet HTML 44Page - STMicroelectronics ST10F280_12 Datasheet HTML 45Page - STMicroelectronics ST10F280_12 Datasheet HTML 46Page - STMicroelectronics ST10F280_12 Datasheet HTML 47Page - STMicroelectronics ST10F280_12 Datasheet HTML 48Page - STMicroelectronics ST10F280_12 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 239 page
background image
ST10F280
Internal Flash memory
Doc ID 8673 Rev. 3
45/239
;command
;must be performed
Prog_Error:
MOV R7, #0F0h
;load register R7 with Read/Reset command
EXTS R11, #1
;use EXTended addressing for next MOV instruction
MOV [R12], R7
;address is don’t care for Read/Reset command
...
;here place specific Error handling code
...
...
;When programming operation finished succesfully,
;Flash is set back automatically to normal Read Mode
Prog_OK:
....
....
Example 3: Performing the Block Erase command
We assume that in the initialization phase the lowest 32K Bytes of Flash memory (sector 0)
have been mapped to segment 1.The registers R11/R12 contain an address related to the
block to be erased (segment number in R11, segment offset in R12, for example R11 = 01h,
R12= 4000h will erase the block 1 first 8K byte block).
MOV R5, #01554h
;load auxilary register R5 with command address
;(used in command cycle 1)
MOV R6, #02AA8h
;load auxilary register R6 with command address
;(used in command cycle 2)
SXCT DPPO, #08h
;push data page pointer 0 and load it to point
;to
;segment 2
MOV R7, #0A8h
;load register R7 with 1st CI enable command
MOV [R5], R7
;command cycle 1
MOV R7, #054h
;load register R7 with 2cd CI enable command
MOV [R6], R7
;command cycle 2
MOV R7, #080h
;load register R7 with Block Erase command
MOV [R5], R7
;command cycle 3
MOV R7, #0A8h
;load register R7 with 1st CI enable command
MOV [R5], R7
;command cycle 4
MOV R7, #054h
;load register R7 with 2cd CI enable command
MOV [R6], R7
;command cycle 5
POP DPP0
;restore DPP0: following addressing to the Flash
;will use EXTended instructions
;R11 contains the segment of the block to be erased
;R12 contains the segment offset address of the
;block to be erased
MOV R7, #030h
;load register R7 with erase confirm code
EXTS R11, #1
;use EXTended addressing for next MOV instruction
MOV [R12], R7
;command cycle 6: the EPC starts execution of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com