Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 8Page - STMicroelectronics ST10F280_12 Datasheet HTML 9Page - STMicroelectronics ST10F280_12 Datasheet HTML 10Page - STMicroelectronics ST10F280_12 Datasheet HTML 11Page - STMicroelectronics ST10F280_12 Datasheet HTML 12Page - STMicroelectronics ST10F280_12 Datasheet HTML 13Page - STMicroelectronics ST10F280_12 Datasheet HTML 14Page - STMicroelectronics ST10F280_12 Datasheet HTML 15Page - STMicroelectronics ST10F280_12 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 239 page
background image
Description
ST10F280
12/239
Doc ID 8673 Rev. 3
1
Description
The ST10F280 is a new derivative of the STMicroelectronics® ST10 family of 16-bit single-
chip CMOS microcontrollers. It combines high CPU performance (up to 20 million
instructions per second) with high peripheral functionality and enhanced I/O-capabilities. It
also provides on-chip high-speed single voltage FLASH memory, on-chip high-speed RAM,
and clock generation via PLL.
ST10F280 is processed in 0.35
μm CMOS technology. The MCU core and the logic is
supplied with a 5V to 3.3V on chip voltage regulator. The part is supplied with a single 5V
supply and I/Os work at 5V.
The device is upward compatible with the ST10F269 device, with the following set of
differences:
●
Two supply pins (DC1,DC2) on the PBGA-208 package are used for decoupling the
internally generated 3.3V core logic supply. Do not connect these two pins to 5.0V
external supply. Instead, these pins should be connected to a decoupling capacitor
(ceramic type, value
≥ 330nF).
●
The A/D Converter characteristics stay identical but 16 new input channel are added. A
bit in a new register (XADCMUX) control the multiplexage between the first block of 16
channel (on Port5) and the second block (on XPort10). The conversion result registers
stay identical and the software management can determine the block in use. A new
dedicated timer controls now the ADC channel injection mode on the input CC31
(P7.7). The output of this timer is visible on a dedicated pin (XADCINJ) to emulate this
new functionality.
●
A second XPWM peripheral (4 new channels) is added. Four dedicated pins are
reserved for the outputs (XPWM[0:3])
●
A new general purpose I/O port named XPORT9 (16 bits) is added. Due to the bit
addressing management, it will be different from other standard general purpose I/O
ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com