Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 29Page - STMicroelectronics ST10F280_12 Datasheet HTML 30Page - STMicroelectronics ST10F280_12 Datasheet HTML 31Page - STMicroelectronics ST10F280_12 Datasheet HTML 32Page - STMicroelectronics ST10F280_12 Datasheet HTML 33Page - STMicroelectronics ST10F280_12 Datasheet HTML 34Page - STMicroelectronics ST10F280_12 Datasheet HTML 35Page - STMicroelectronics ST10F280_12 Datasheet HTML 36Page - STMicroelectronics ST10F280_12 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 239 page
background image
ST10F280
Internal Flash memory
Doc ID 8673 Rev. 3
33/239
5.2.3
Status register
This register is used to flag the status of the memory and the result of an operation. This
register can be accessed by read cycles during the Erase-Program Controller (EPC)
operation.
5.2.4
Erase operation
This Flash memory features a block erase architecture with a chip erase capability too.
Erase is accomplished by executing the six cycle erase command sequence. Additional
command write cycles can then be performed to erase more than one block in parallel.
When a time-out period elaps (96
μs) after the last cycle, the Erase-Program Controller
(EPC) automatically starts and times the erase pulse and executes the erase operation.
There is no need to program the block to be erased with ‘0000h’ before an erase operation.
Termination of operation is indicated in the Flash status register. After erase operation, the
Flash memory locations are read as 'FFFFh’ value.
5.2.5
Erase suspend
A block erase operation is typically executed within 1.5 second for a 64K Byte block. Erasure
of a memory block may be suspended, in order to read data from another block or to
program data in another block, and then resumed.
5.2.6
In-system programming
In-system programming is fully supported. No special programming voltage is required.
Because of the automatic execution of erase and programming algorithms, write operations
are reduced to transferring commands and data to the Flash and reading the status. Any
code that programs or erases Flash memory locations (that writes data to the Flash) must
be executed from memory outside the on-chip Flash memory itself (on-chip RAM or external
memory).
A boot mechanism is provided to support in-system programming. It works using serial link
via USART interface and a PC compatible or other programming host.
5.2.7
Read/write protection
The Flash module supports read and write protection in a very comfortable and advanced
protection functionality. If Read Protection is installed, the whole Flash memory is protected
against any "external" read access; read accesses are only possible with instructions
fetched directly from program Flash memory. For update of the Flash memory a temporary
disable of Flash Read Protection is supported.
The device also features a block write protection. Software locking of selectable memory
blocks is provided to protect code and data. This feature will disable both program and erase
operations in the selected block(s) of the memory. Block Protection is accomplished by block
specific lock-bit which are programmed by executing a four cycle command sequence. The
locked state of blocks is indicated by specific flags in the according block status registers. A
block may only be temporarily unlocked for update (write) operations.
With the two possibilities for write protection whole memory or block specific a flexible
installation of write protection is supported to protect the Flash memory or parts of it from
unauthorized programming or erase accesses and to provide virus-proof protection for all
system code blocks. All write protection also is enabled during boot operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com