Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 12Page - STMicroelectronics ST10F280_12 Datasheet HTML 13Page - STMicroelectronics ST10F280_12 Datasheet HTML 14Page - STMicroelectronics ST10F280_12 Datasheet HTML 15Page - STMicroelectronics ST10F280_12 Datasheet HTML 16Page - STMicroelectronics ST10F280_12 Datasheet HTML 17Page - STMicroelectronics ST10F280_12 Datasheet HTML 18Page - STMicroelectronics ST10F280_12 Datasheet HTML 19Page - STMicroelectronics ST10F280_12 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 239 page
background image
Ball data
ST10F280
16/239
Doc ID 8673 Rev. 3
P7.0 – P7.7
I/O
Port 7 is an 8-bit bidirectional I/O port. It is bit-wise programmable
for input or output via direction bits. For a pin configured as input,
the output driver is put into high-impedance state. Port 7 outputs
can be configured as push/pull or open drain drivers. The input
threshold of Port 7 is selectable (TTL or special).
The following Port 7 pins also serve for alternate functions:
J4
O
P7.0 POUT0 PWM Channel 0 Output
J3
O
P7.1 POUT1 PWM Channel 1 Output
J2
O
P7.2 POUT2 PWM Channel 2 Output
J1
O
P7.3 POUT3 PWM Channel 3 Output
K2
I/O
P7.4 CC28IO CAPCOM2: CC28 Capture Input / Compare Output
K3
I/O
P7.5 CC29IO CAPCOM2: CC29 Capture Input / Compare Output
K4
I/O
P7.6 CC30IO CAPCOM2: CC30 Capture Input / Compare Output
L2
I/O
P7.7 CC31IO CAPCOM2: CC31 Capture Input / Compare Output
XP10.0 –
XP10.15
I
XPort 10 is a 16-bit input-only port with Schmitt-Trigger
characteristics.
The pins of XPort10 also serve as the analog input channels (up to
16) for the A/D converter, where XP10.X equals ANx (Analog input
channel x).
M4
M3
M2
M1
N4
N3
N2
N1
P4
P3
P2
P1
R2
R1
T1
U1
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
XP10.0
XP10.1
XP10.2
XP10.3
XP10.4
XP10.5
XP10.6
XP10.7
XP10.8
XP10.9
XP10.10
XP10.11
XP10.12
XP10.13
XP10.14
XP10.15
Table 1.
Ball description (continued)
Symbol
Ball
number
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com