Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 27Page - STMicroelectronics ST10F280_12 Datasheet HTML 28Page - STMicroelectronics ST10F280_12 Datasheet HTML 29Page - STMicroelectronics ST10F280_12 Datasheet HTML 30Page - STMicroelectronics ST10F280_12 Datasheet HTML 31Page - STMicroelectronics ST10F280_12 Datasheet HTML 32Page - STMicroelectronics ST10F280_12 Datasheet HTML 33Page - STMicroelectronics ST10F280_12 Datasheet HTML 34Page - STMicroelectronics ST10F280_12 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 239 page
background image
ST10F280
Internal Flash memory
Doc ID 8673 Rev. 3
31/239
5
Internal Flash memory
5.1
Overview
●
512K Byte on-chip Flash memory
●
Two possibilities of Flash mapping into the CPU address space
●
Flash memory can be used for code and data storage
●
32-bit, zero waitstate read access (50ns cycle time at fCPU = 40MHz)
●
Erase-Program Controller (EPC) similar to M29F400B STM’s stand-alone Flash
memory
–
Word-by-Word Programmable (16
μs typical)
–
Data polling and Toggle Protocol for EPC Status
–
Internal Power-On detection circuit
●
Memory Erase in blocks
–
One 16K Byte, two 8K Byte, one 32K Byte, seven 64K Byte blocks
–
Each block can be erased separately (1.5 second typical)
–
Chip erase (8.5 second typical)
–
Each block can be separately protected against programming and erasing
–
Each protected block can be temporary unprotected
–
When enabled, the read protection prevents access to data in Flash memory using
a program running out of the Flash memory space. Access to data of internal
Flash can only be performed with an inner protected program
●
Erase Suspend and Resume Modes
–
Read and Program another Block during erase suspend
●
Single Voltage operation, no need of dedicated supply pin
●
Low Power Consumption:
–
45mA max. Read current
–
60mA max. Program or Erase current
–
Automatic Stand-by-mode (50
μA maximum)
●
100,000 Erase-Program Cycles per block, 20 year data retention time
●
Operating temperature: -40 to +125oC
5.2
Operational overview
5.2.1
Read mode
In standard mode (the normal operating mode) the Flash appears like an on-chip ROM with
the same timing and functionality. The Flash module offers a fast access time, allowing zero
waitstate access with CPU frequency up to 40MHz. Instruction fetches and data operand
reads are performed with all addressing modes of the ST10F280 instruction set.
In order to optimize the programming time of the internal Flash, blocks of 8K Bytes,
16K Bytes, 32K Bytes, 64K Bytes can be used. But the size of the blocks does not apply to
the whole memory space, see details in Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com