Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 134 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 130Page - STMicroelectronics ST10F280_12 Datasheet HTML 131Page - STMicroelectronics ST10F280_12 Datasheet HTML 132Page - STMicroelectronics ST10F280_12 Datasheet HTML 133Page - STMicroelectronics ST10F280_12 Datasheet HTML 134Page - STMicroelectronics ST10F280_12 Datasheet HTML 135Page - STMicroelectronics ST10F280_12 Datasheet HTML 136Page - STMicroelectronics ST10F280_12 Datasheet HTML 137Page - STMicroelectronics ST10F280_12 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 239 page
background image
Parallel ports
ST10F280
134/239
Doc ID 8673 Rev. 3
12.11
XPort 9
The XPort9 is enabled by setting XPEN bit 2 of the SYSCON register and XPORT9EN bit 3
of the new XPERCON register. On the XBUS interface, the register are not bit-addressable
This 16-bit port is used for general purpose I/O, the direction of each line can be configured
via the corresponding direction register XDP9. Each port line can be switched into push/pull
or open drain mode via the open drain control register XODP9.
All port lines can be individually (bit-wise) programmed. The “bit-addressable” feature is
available via specific “Set” and “Clear” registers: XP9SET, XP9CLR, XDP9SET, XDP9CLR,
XODP9SET, XODP9CLR.
XP9
Address:
0xC100h
Reset:
0x0000h
Type:
R/W
XP9SET (C102h)
Address:
0xC102h
Reset:
0x0000h
Type:
W
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
XP9.y Port data register XP9 bit y
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
WW
WWW
WW
WWW
WW
WWW
W
XP9SET.y Writing a ‘1’ will set the corresponding bit in XP9 register, Writing a ‘0’ has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com