Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 187 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 187 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 183Page - STMicroelectronics ST10F280_12 Datasheet HTML 184Page - STMicroelectronics ST10F280_12 Datasheet HTML 185Page - STMicroelectronics ST10F280_12 Datasheet HTML 186Page - STMicroelectronics ST10F280_12 Datasheet HTML 187Page - STMicroelectronics ST10F280_12 Datasheet HTML 188Page - STMicroelectronics ST10F280_12 Datasheet HTML 189Page - STMicroelectronics ST10F280_12 Datasheet HTML 190Page - STMicroelectronics ST10F280_12 Datasheet HTML 191Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 239 page
background image
ST10F280
Special function register overview
Doc ID 8673 Rev. 3
187/239
CC20
FE68h
34h
CAPCOM Register 20
0000h
CC20IC
b F168h E
B4h
CAPCOM Register 20 Interrupt Control Register
- - 00h
CC21
FE6Ah
35h
CAPCOM Register 21
0000h
CC21IC
b F16Ah E
B5h
CAPCOM Register 21 Interrupt Control Register
- - 00h
CC22
FE6Ch
36h
CAPCOM Register 22
0000h
CC22IC
b F16Ch E
B6h
CAPCOM Register 22 Interrupt Control Register
- - 00h
CC23
FE6Eh
37h
CAPCOM Register 23
0000h
CC23IC
b F16Eh E
B7h
CAPCOM Register 23 Interrupt Control Register
- - 00h
CC24
FE70h
38h
CAPCOM Register 24
0000h
CC24IC
b F170h E
B8h
CAPCOM Register 24 Interrupt Control Register
- - 00h
CC25
FE72h
39h
CAPCOM Register 25
0000h
CC25IC
b F172h E
B9h
CAPCOM Register 25 Interrupt Control Register
- - 00h
CC26
FE74h
3Ah
CAPCOM Register 26
0000h
CC26IC
b F174h E
BAh
CAPCOM Register 26 Interrupt Control Register
- - 00h
CC27
FE76h
3Bh
CAPCOM Register 27
0000h
CC27IC
b F176h E
BBh
CAPCOM Register 27 Interrupt Control Register
- - 00h
CC28
FE78h
3Ch
CAPCOM Register 28
0000h
CC28IC
b F178h E
BCh
CAPCOM Register 28 Interrupt Control Register
- - 00h
CC29
FE7Ah
3Dh
CAPCOM Register 29
0000h
CC29IC
b F184h E
C2h
CAPCOM Register 29 Interrupt Control Register
- - 00h
CC30
FE7Ch
3Eh
CAPCOM Register 30
0000h
CC30IC
b F18Ch E
C6h
CAPCOM Register 30 Interrupt Control Register
- - 00h
CC31
FE7Eh
3Fh
CAPCOM Register 31
0000h
CC31IC
b F194h E
CAh
CAPCOM Register 31 Interrupt Control Register
- - 00h
CCM0
b FF52h
A9h
CAPCOM Mode Control Register 0
0000h
CCM1
b FF54h
AAh
CAPCOM Mode Control Register 1
0000h
CCM2
b FF56h
ABh
CAPCOM Mode Control Register 2
0000h
CCM3
b FF58h
ACh
CAPCOM Mode Control Register 3
0000h
CCM4
b FF22h
91h
CAPCOM Mode Control Register 4
0000h
CCM5
b FF24h
92h
CAPCOM Mode Control Register 5
0000h
CCM6
b FF26h
93h
CAPCOM Mode Control Register 6
0000h
CCM7
b FF28h
94h
CAPCOM Mode Control Register 7
0000h
CP
FE10h
08h
CPU Context Pointer Register
FC00h
CRIC
b FF6Ah
B5h
GPT2 CAPREL Interrupt Control Register
- - 00h
Table 38.
Special function registers listed by name (continued)
Name
Physical
address
8-bit
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com