Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 105 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 101Page - STMicroelectronics STA1295 Datasheet HTML 102Page - STMicroelectronics STA1295 Datasheet HTML 103Page - STMicroelectronics STA1295 Datasheet HTML 104Page - STMicroelectronics STA1295 Datasheet HTML 105Page - STMicroelectronics STA1295 Datasheet HTML 106Page - STMicroelectronics STA1295 Datasheet HTML 107Page - STMicroelectronics STA1295 Datasheet HTML 108Page - STMicroelectronics STA1295 Datasheet HTML 109Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 105 / 109 page
background image
DS12586 Rev 5
105/109
STA1295, STA1275
Package information
106
Table 74. LFBGA529 package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min.
Typ.
Max.
Min.
Typ.
Max.
A(2)
2. FPBGA stands for Fine Pitch Plastic Ball Grid Array:
Low Profile: the total profile height (Dim A) is measured from the seating plane to the top of the component:
1.20 mm < A
≤ 1.70 mm / fine pitch: e < 1.00 mm pitch.
The maximum total package height is calculated by the following methodology:
Amax = A1 Typ + A2 Typ + A4 Typ +
√ (A12 + A22 + A42 tolerance values).
—
—
1.70
—
—
0.0669
A1
0.25
—
—
0.0098
—
—
A2
—
0.28
—
—
0.0110
—
A4
—
—
0.80
—
—
0.0315
b(3)
3. The typical ball diameter before mounting is 0.40 mm.
0.35
0.40
0.48
0.0138
0.0157
0.0189
D
18.85
19.00
19.15
0.7421
0.7480
0.7539
D1
—
17.60
—
—
0.6929
—
E
18.85
19.00
19.15
0.7421
0.7480
0.7539
E1
—
17.60
—
—
0.6929
—
e
—
0.80
—
—
0.0315
—
Z
—
0.70
—
—
0.0276
—
ddd
—
—
0.10
—
—
0.0039
eee(4)
4. The tolerance of position that controls the location of the pattern of balls with respect to datums A and B.
For each ball there is a cylindrical tolerance zone eee perpendicular to datum C and located on true
position with respect to datums A and B as defined by e. The axis perpendicular to datum C of each ball
must lie within this tolerance zone.
—
—
0.15
—
—
0.0059
fff(5)
5. The tolerance of position that controls the location of the balls within the matrix with respect to each other.
For each ball there is a cylindrical tolerance zone fff perpendicular to datum C and located on true position
as defined by e. The axis perpendicular to datum C of each ball must lie within this tolerance zone. Each
tolerance zone fff in the array is contained entirely in the respective zone eee above. The axis of each ball
must lie simultaneously in both tolerance zones.
—
—
0.08
—
—
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com