Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 108 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 101Page - STMicroelectronics STA1295 Datasheet HTML 102Page - STMicroelectronics STA1295 Datasheet HTML 103Page - STMicroelectronics STA1295 Datasheet HTML 104Page - STMicroelectronics STA1295 Datasheet HTML 105Page - STMicroelectronics STA1295 Datasheet HTML 106Page - STMicroelectronics STA1295 Datasheet HTML 107Page - STMicroelectronics STA1295 Datasheet HTML 108Page - STMicroelectronics STA1295 Datasheet HTML 109Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 108 / 109 page
background image
Revision history
STA1295, STA1275
108/109
DS12586 Rev 5
27-Aug-2020
4
Removed “ST restricted” Watermark throughout the
document.
Cover page
– Updated title
– Added “LFBGA529” under the figure
– Updated the frequency to 660MHz in the memory
organization section
Section 2.2.2: DDR controller
Updated frequency to 660 MHz
Section 2.2.3: SQI NOR interface
Updated frequency to 125 MHz
Section 2.11.1: Audio interfaces
:
– updated bullet starting with “2x Voice ADC”
– Removed “mic pre amp” and “ADC is shared among
voice and TEL IN lines with embedded multiplexer”
Section 2.17.1: Application GPIO alternate function
mapping
:
Added note under section title
Table 10: Application GPIO alternate function mapping
:
Added table footnote to GPIO108-113
Section 2.17.2: Secure GPIO alternate function
mapping
:
Added note under section title
Table 23: USB signals
:
– USB0_DN and USB0_DP: Power domain updated to
USB0_VDD3V3
– USB1_DN and USB1_DP: Power domain updated to
USB1_VDD3V3
Table 30: Absolute maximum ratings
:
VINPUT: Updated maximum value to VVDD_IOx + 0.3
Table 37: Digital DC characteristics at 3.3 V
:
Added table footnote related to VTH+
and VTL-
And other minor editing updates.
2
9-Apr-2021
5
Following are the changes in this version of the
document:
Updated the document header from STA1275, STA1295
to STA1295, STA1275 throughout the document.
Table 30: Absolute maximum ratings
:
Updated VINPUT
Section 6: Ordering information
: Added note “Contact
your ST sales office to ask....”
Table 76. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com