Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 98Page - STMicroelectronics ST10F280_12 Datasheet HTML 99Page - STMicroelectronics ST10F280_12 Datasheet HTML 100Page - STMicroelectronics ST10F280_12 Datasheet HTML 101Page - STMicroelectronics ST10F280_12 Datasheet HTML 102Page - STMicroelectronics ST10F280_12 Datasheet HTML 103Page - STMicroelectronics ST10F280_12 Datasheet HTML 104Page - STMicroelectronics ST10F280_12 Datasheet HTML 105Page - STMicroelectronics ST10F280_12 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 239 page
background image
Parallel ports
ST10F280
102/239
Doc ID 8673 Rev. 3
12.2.1
Alternate functions of Port 0
When an external bus is enabled, PORT0 is used as data bus or address/data bus.
Note that an external 8-bit de-multiplexed bus only uses P0L, while P0H is free for I/O
(provided that no other bus mode is enabled).
PORT0 is also used to select the system start-up configuration. During reset, PORT0 is
configured to input, and each line is held high through an internal pull-up device. Each line
can now be individually pulled to a low level (see DC-level specifications) through an
external pull-down device. A default configuration is selected when the respective PORT0
lines are at a high level. Through pulling individual lines to a low level, this default can be
changed according to the needs of the applications.
The internal pull-up devices are designed such that an external pull-down resistors can be
used to apply a correct low level. These external pull-down resistors can remain connected
to the PORT0 pins also during normal operation, however, care has to be taken such that
they do not disturb the normal function of PORT0 (this might be the case, for example, if the
external resistor is too strong). With the end of reset, the selected bus configuration will be
written to the BUSCON0 register. The configuration of the high byte of PORT0, will be
copied into the special register RP0H. This read-only register holds the selection for the
number of chip selects and segment addresses. Software can read this register in order to
react according to the selected configuration, if required. When the reset is terminated, the
internal pull-up devices are switched off, and PORT0 will be switched to the appropriate
operating mode.
During external accesses in multiplexed bus modes PORT0 first outputs the 16-bit intra-
segment address as an alternate output function. PORT0 is then switched to high-
impedance input mode to read the incoming instruction or data. In 8-bit data bus mode, two
memory cycles are required for word accesses, the first for the low byte and the second for
the high byte of the word. During write cycles PORT0 outputs the data byte or word after
outputting the address. During external accesses in de-multiplexed bus modes PORT0
reads the incoming instruction or data word or outputs the data byte or word.
Figure 29.
Port 0 I/O and alternate functions
When an external bus mode is enabled, the direction of the port pin and the loading of data
into the port output latch are controlled by the bus controller hardware.
The input of the port output latch is disconnected from the internal bus and is switched to the
line labeled “Alternate Data Output” via a multiplexer. The alternate data can be the 16-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com