Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 108 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 104Page - STMicroelectronics ST10F280_12 Datasheet HTML 105Page - STMicroelectronics ST10F280_12 Datasheet HTML 106Page - STMicroelectronics ST10F280_12 Datasheet HTML 107Page - STMicroelectronics ST10F280_12 Datasheet HTML 108Page - STMicroelectronics ST10F280_12 Datasheet HTML 109Page - STMicroelectronics ST10F280_12 Datasheet HTML 110Page - STMicroelectronics ST10F280_12 Datasheet HTML 111Page - STMicroelectronics ST10F280_12 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 239 page
background image
Parallel ports
ST10F280
108/239
Doc ID 8673 Rev. 3
The port output latch is clocked by the signal “Compare Trigger” which is generated by the
CAPCOM unit. In compare mode 3, when a match occurs, the value '1' is written to the port
output latch via the line “Alternate Data Output”. When an overflow of the corresponding
timer occurs, a '0' is written to the port output latch. In both cases, the output latch is clocked
by the signal “Compare Trigger”.
The direction of the pin should be set to output by the user, otherwise the pin will be in the
high-impedance state and will not reflect the state of the output latch.
As can be seen from the port structure below, the user software always has free access to
the port pin even when it is used as a compare output. This is useful for setting up the initial
level of the pin when using compare mode 1 or the double-register mode. In these modes,
unlike in compare mode 3, the pin is not set to a specific value when a compare match
occurs, but is toggled instead.
When the user wants to write to the port pin at the same time a compare trigger tries to
clock the output latch, the write operation of the user software has priority. Each time a CPU
write access to the port output latch occurs, the input multiplexer of the port output latch is
switched to the line connected to the internal bus. The port output latch will receive the value
from the internal bus and the hardware triggered change will be lost.
As all other capture inputs, the capture input function of pins P2.15...P2.0 can also be used
as external interrupt inputs (200 ns sample rate at 40MHz CPU clock).
The upper eight Port 2 lines (P2.15...P2.8) also can serve as Fast External Interrupt inputs
from EX0IN to EX7IN. (Fast external interrupt sampling rate is 25ns at 40MHz CPU clock).
P2.15 in addition serves as input for CAPCOM2 timer T7 (T7IN).
The table below summarizes the alternate functions of Port 2.
Table 18.
Port 2 alternate function
Port 2 pin
Alternate
function a)
Alternate function b)
Alternate function c)
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
P2.8
P2.9
P2.10
P2.11
P2.12
P2.13
P2.14
P2.15
CC0IO
CC1IO
CC2IO
CC3IO
CC4IO
CC5IO
CC6IO
CC7IO
CC8IO
CC9IO
CC10IO
CC11IO
CC12IO
CC13IO
CC14IO
CC15IO
-
-
-
-
-
-
-
-
EX0IN Fast External Interrupt 0 Input
EX1IN Fast External Interrupt 1 Input
EX2IN Fast External Interrupt 2 Input
EX3IN Fast External Interrupt 3 Input
EX4IN Fast External Interrupt 4 Input
EX5IN Fast External Interrupt 5 Input
EX6IN Fast External Interrupt 6 Input
EX7IN Fast External Interrupt 7 Input
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
T7IN Timer T7 Ext. Count Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com