Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 140 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 136Page - STMicroelectronics ST10F280_12 Datasheet HTML 137Page - STMicroelectronics ST10F280_12 Datasheet HTML 138Page - STMicroelectronics ST10F280_12 Datasheet HTML 139Page - STMicroelectronics ST10F280_12 Datasheet HTML 140Page - STMicroelectronics ST10F280_12 Datasheet HTML 141Page - STMicroelectronics ST10F280_12 Datasheet HTML 142Page - STMicroelectronics ST10F280_12 Datasheet HTML 143Page - STMicroelectronics ST10F280_12 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 239 page
background image
A/D converter
ST10F280
140/239
Doc ID 8673 Rev. 3
13
A/D converter
13.1
A/D converter module
A 10-bit A/D converter with 2 x 16 multiplexed input channels and a sample and hold circuit
is integrated on-chip. This A/D Converter does not have the self-calibration feature. Thus,
guaranteed Total Unadjusted Error is + 2 LSB. Refer to Section 20.3.1: A/D converter
characteristics for detailled characteristics. The sample time (for loading the capacitors) and
the conversion time is programmable and can be adjusted to the external circuitry.
Convertion time is fully equivalent to the one of previous generation A/D self-calibrated
Converter.
To remove high frequency components from the analog input signal, a low-pass filter must
be connected at the ADC input.
Overrun error detection/protection is controlled by the ADDAT register. Either an interrupt
request is generated when the result of a previous conversion has not been read from the
result register at the time the next conversion is complete, or the next conversion is
suspended until the previous result has been read. For applications which require less than
16 analog input channels, the remaining channel inputs can be used as digital input port
pins.
The A/D converter of the ST10F280 supports four different conversion modes:
Single channel conversion mode the analog level on a specified channel is sampled once
and converted to a digital result.
Single channel continuous mode the analog level on a specified channel is repeatedly
sampled and converted without software intervention.
Auto scan mode the analog levels on a pre-specified number of channels are sequentially
sampled and converted.
Auto scan continuous mode the number of pre-specified channels is repeatedly sampled
and converted.
Channel Injection Mode injects a channel into a running sequence without disturbing this
sequence. The peripheral event controller stores the conversion results in memory without
entering and exiting interrupt routines for each data transfer.
13.2
Multiplexage of two blocks of 16 analog Inputs
The ADC can manage 16 analog inputs, so to increase its capability, a new XADCMUX
register is added to control the multiplexage between the first block of 16 channels on Port5
and the second block of 16 channels on XPort10. The conversion result register stays
identical and only a software management can determine the block in use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com