Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 143 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 139Page - STMicroelectronics ST10F280_12 Datasheet HTML 140Page - STMicroelectronics ST10F280_12 Datasheet HTML 141Page - STMicroelectronics ST10F280_12 Datasheet HTML 142Page - STMicroelectronics ST10F280_12 Datasheet HTML 143Page - STMicroelectronics ST10F280_12 Datasheet HTML 144Page - STMicroelectronics ST10F280_12 Datasheet HTML 145Page - STMicroelectronics ST10F280_12 Datasheet HTML 146Page - STMicroelectronics ST10F280_12 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 239 page
background image
ST10F280
A/D converter
Doc ID 8673 Rev. 3
143/239
13.3.2
Register description
TCR: Timer Control Register
XTCR
Address:
0xC000h
Reset:
0x0000h
Type:
R, R/W
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
00
00
00
TFP[3:0]
TCM
TIE
TCS
TLE
TUD
TEN
R
R
R
R
R
R
RW
RW
RW
RW
RW
RW
RW
TEN Timer Enable
When TEN = ’0’, the Timer is disabled (reset value). To avoid glitches, it is recommended
to modify TCR in 2 steps, first with new values and and second by setting TEN.
TUD Timer Up / Down Counting
When TUD = ’0’, the Timer is counting "down" (reset value), ie the TCVR (’current value’)
register content is decremented.
When TUD = ’1’, the Timer is counting "up", ie the TCVR (’current value’) register content
is incremented.
TLE Timer Load Enable
When the counter has reached its end value (TCVR = TEVR), TCVR is (re)loaded with
TSVR (’start value’) register content when TLE = ’1’. When TLE = ’0’ (reset value), the
next state of TCVR depends on TCS bit.
TCS Timer Continue / Stop
When TLE = ’0’ (no load) and when the counter has reached its end value (TCVR =
TEVR), the TCVR content continues to increment / decrement according to TUD bit when
TCS = ’1’ (continue mode).
When TCS = ’0’ (stop mode reset value), TCVR is stopped and its content is frozen.
TIE Timer Output Enable
When the counter has reached its end value (TCVR = TEVR), the XADCINJ output is set
when TIE = ’1’.
When TIE = ’0’ (reset value), XADCINJ output is disabled (= ’0’).
TCM Timer Clock Mode Must be Cleared
TCM = ’0’ (reset value), the TCVR clock is derived from internal XCLK clock according to
TFP bits.
TFP[3:0] Timer Frequency Prescaler
When TCM = ’0’ (internal clock), the TCVR register clock is derived from the XCLK clock
input by dividing XCLK by 2**(2+ TFP). The coding is as follows :
0000 : prescaler by 2 (reset value), XCLK divided by 4
0001 : prescaler by 4, XCLK divided by 8
0010 : prescaler by 8, XCLK divided by 16
...
1111 : prescaler by 2**16, XCLK divided by 2**17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com