Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 193 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 193 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 189Page - STMicroelectronics ST10F280_12 Datasheet HTML 190Page - STMicroelectronics ST10F280_12 Datasheet HTML 191Page - STMicroelectronics ST10F280_12 Datasheet HTML 192Page - STMicroelectronics ST10F280_12 Datasheet HTML 193Page - STMicroelectronics ST10F280_12 Datasheet HTML 194Page - STMicroelectronics ST10F280_12 Datasheet HTML 195Page - STMicroelectronics ST10F280_12 Datasheet HTML 196Page - STMicroelectronics ST10F280_12 Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 239 page
background image
ST10F280
Special function register overview
Doc ID 8673 Rev. 3
193/239
CAN1UAR1--15
EF12--EFF2h CAN1 Upper Arbitration Register 1 to 15
XXXXh
CAN1UGML
EF08h
CAN1 Upper Global Mask Long
XXXXh
CAN1UMLM
EF0Ch
CAN1 Upper Mask Last Message
XXXXh
CAN2BTR
EE04h
CAN2 Bit Timing Register
XXXXh
CAN2CSR
EE00h
CAN2 Control/Status Register
XX01h
CAN2GMS
EE06h
CAN2 Global Mask Short
XFXXh
CAN2IR
EE02h
CAN2 Interrupt Register
- - XXh
CAN2LAR1--15
EE14--EEF4h CAN2 Lower Arbitration register 1 to 15
XXXXh
CAN2LGML
EE0Ah
CAN2 Lower Global Mask Long
XXXXh
CAN2LMLM
EE0Eh
CAN2 Lower Mask Last Message
XXXXh
CAN2MCR1--15
EE10--EEF0h CAN2 Message Control Register 1 to 15
XXXXh
CAN2MO1--15
EE1x--EEFxh CAN2 Message Object 1 to 15
XXXXh
CAN2UAR1--15
EE12--EEF2h CAN2 Upper Arbitration Register 1 to 15
XXXXh
CAN2UGML
EE08h
CAN2 Upper Global Mask Long
XXXXh
CAN2UMLM
EE0Ch
CAN2 Upper Mask Last Message
XXXXh
XADCMUX
C384h
Port5 or PortX10 ADC Input Selection (Read / Write)
0000h
XDP9
C200h
Direction Register Xport9 (Read / Write)
0000h
XDP9CLR
C204h
Bit Clear Direction Register Xport9 (Write only)
0000h
XDP9SET
C202h
Bit Set Direction Register Xport9 (Write only)
0000h
XODP9
C300H
Open Drain Control Register Xport9 (Read / Write)
0000h
XODP9CLR
C304H
Bit clear Open drain Control register Xport9 (Write
only)
0000h
XODP9SET
C302H
Bit Set Open Drain Control Register Xport9 (Write
only)
0000h
XP10
C380h
Read only Data register Xport10 (Read only)
0000h
XP10DIDIS
C382h
Xport10 Schmitt Trigger Input Selection (Read /
Write)
0000h
XP9
C100h
Data Register Xport9 (Read / Write)
0000h
XP9CLR
C104h
Bit Clear Data Register Xport9 (Write only)
0000h
XP9SET
C102h
Bit Set Data Register Xport9 (Write only)
0000h
XPOLAR
EC04h
XPWM Channel Polarity Control Register
0000h
XPP0
EC20h
XPWM Period Register 0
0000h
XPP1
EC22h
XPWM Period Register 1
0000h
XPP2
EC24H
XPWM Period Register 2
0000h
XPP3
EC26h
XPWM Period Register 3
0000h
Table 39.
X registers listed by name (continued)
Name
Physical
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com