Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 194 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 194 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 190Page - STMicroelectronics ST10F280_12 Datasheet HTML 191Page - STMicroelectronics ST10F280_12 Datasheet HTML 192Page - STMicroelectronics ST10F280_12 Datasheet HTML 193Page - STMicroelectronics ST10F280_12 Datasheet HTML 194Page - STMicroelectronics ST10F280_12 Datasheet HTML 195Page - STMicroelectronics ST10F280_12 Datasheet HTML 196Page - STMicroelectronics ST10F280_12 Datasheet HTML 197Page - STMicroelectronics ST10F280_12 Datasheet HTML 198Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 239 page
background image
Special function register overview
ST10F280
194/239
Doc ID 8673 Rev. 3
19.1
Identification registers
The ST10F280 has four Identification registers, mapped in ESFR space. These register
contain:
●
A manufacturer identifier,
●
A chip identifier, with its revision,
●
A internal memory and size identifier and programming voltage description.
IDMANUF
Address:
F07Eh / 3Fh ESFR
Reset:
0x0401h
Type:
R
XPT0
EC10h
XPWM Timer Counter Register 0
0000h
XPT1
EC12h
XPWM Timer Counter Register 1
0000h
XPT2
EC14h
XPWM Timer Counter Register 2
0000h
XPT3
EC16h
XPWM Timer Counter Register 3
0000h
XPW0
EC30h
XPWM Pulse Width Register 0
0000h
XPW1
EC32h
XPWM Pulse Width Register 1
0000h
XPW2
EC34h
XPWM Pulse Width Register 2
0000h
XPW3
EC36h
XPWM Pulse Width Register 3
0000h
XPWMCON0
EC00h
XPWM Control Register 0
0000h
XPWMCON1
EC02h
XPWM Control Register 1
0000h
XTCR
C000h
Xtimer Control Register (Read / Write)
0000h
XTCVR
C006h
Xtimer Current Value Register (Read / Write)
0000h
XTEVR
C004h
Xtimer End Value Register (Read / Write)
0000h
XTSVR
C002h
Xtimer Start Value Register (Read / Write)
0000h
Table 39.
X registers listed by name (continued)
Name
Physical
address
Description
Reset
value
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MANUF
00
00
1
R
MANUF Manufacturer Identifier 020h: STMicroelectronics Manufacturer (JTAG worldwide
normalization).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com