Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 15 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 15 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 11Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 12Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 13Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 14Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 15Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 16Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 17Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 18Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 19Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Specification
Timer type
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA request
generation
Capture/-
compare
channels
Complem
-entary
outputs
TIM3 /
TIM4
16-bit
Up, down,
up/down
integer
from 1 to
65536
Yes
4
No
basic
TIM16 /
TIM17
16-bit
Up
integer
from 1 to
65536
Yes
1
Yes
Advanced-control timer ( TIM1 / TIM8 )
The advanced-control timer can be seen as a three-phase PWM multiplexed on six chan-
nels. It has complementary PWM outputs with programmable inserted dead times. It can
also be seen as a complete general-purpose timer. The four independent channels can
be used for:
• Input capture
• Output compare
• PWM generation (edge or center-aligned modes)
• One-pulse mode output
If configured as a standard 16-bit timer, it has the same features as the TIMx timer. If
configured as the 16-bit PWM generator, it has full modulation capability (0
∼ 100%).
In debug mode, the counter can be frozen and the PWM output is disabled to cut off the
switches controlled by these outputs.
Many features are shared with those of the standard timers which have the same archi-
tecture. The advanced control timer can therefore work together with the other timers via
the Timer Link feature for synchronization or event chaining.
General-purpose timers (TIMx)
There are 4 synchronizable general-purpose timers ( TIM2、TIM3 、TIM4 、TIM5).
General-purpose timers 32-bit
The timer is based on a 32-bit auto-reload up/downcounter and a 16-bit prescaler. The
feature is 4 independent channels each for input capture/output compare, PWM or one-
pulse mode output.
General-purpose timers 16-bit
TIM3
‘The timer is based on a 16-bit auto-reload up/downcounter and a 16-bit prescaler. The
www.mm32mcu.com
9/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com