Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM32F103CET Datasheet(PDF) 55 Page - MindMotion Microelectronics

Part # MM32F103CET
Description  32-bit Micro controller based on ARM Cortex M3
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINDMOTION [MindMotion Microelectronics]
Direct Link  https://www.mindmotion.com.cn/
Logo MINDMOTION - MindMotion Microelectronics

MM32F103CET Datasheet(HTML) 55 Page - MindMotion Microelectronics

Back Button MM32F103CET Datasheet HTML 51Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 52Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 53Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 54Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 55Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 56Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 57Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 58Page - MindMotion Microelectronics MM32F103CET Datasheet HTML 59Page - MindMotion Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 89 page
background image
DS_MM32F103xx_o_Ver1.13
Electrical characteristics
Table 22. HSI oscillator characteristics(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI
Frequency
40
48
64
MHz
ACCHSI
Accuracy of the HSI oscillator
TA = -40◦C
∼
105◦C
-5
5
%
ACCHSI
Accuracy of the HSI oscillator
TA = -10◦C
∼ 85◦C
-3
3
%
ACCHSI
Accuracy of the HSI oscillator
TA = 0◦C
∼ 70◦C
-2
2
%
ACCHSI
Accuracy of the HSI oscillator
TA = 25
-1
1
%
tSU(HSI)
HSI oscillator startup time
2
μS
IDD(HSI)
HSI oscillator power
consumption
81
200
μA
1. VDD = 3.3V, TA = - 40◦C
∼ 105◦C, unless otherwise specified.
2. Guaranteed by design, not tested in production.
Low-speed internal (LSI) oscillator
Table 23. LSI oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSI
(
2)
Frequency
31
40
75
KHz
tSU(LSI)
(
2)
LSI oscillator startup time
1
μS
IDD(LSI)
(
3)
LSI oscillator power
consumption
1.1
1.7
μA
1. VDD = 3.3V, TA = -40◦C
∼ 105◦C, Unless otherwise stated
2. Comprehensive assessment, not tested in production.
3. Guaranteed by design, not tested in production.
Wake-up times from low power mode
The wake-up times listed in the table below are measured during the wake-up phase of
the internal clock HSI. The clock source used when waking up depends on the current
operating mode:
• Stop or Standby mode: The clock source is the oscillator
• Sleep mode: The clock source is the clock used when entering sleep mode
All times are measured using ambient temperature and supply voltage in accordance with
common operating conditions.
www.mm32mcu.com
49/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com